Electronic Components Datasheet Search
  English  ▼

X  

ADuM4472 Datasheet(PDF) 17 Page - Analog Devices

Part # ADuM4472
Description  Isolated Switching Regulator with Quad-Channel Isolators
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM4472 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADuM4472 Datasheet HTML 13Page - Analog Devices ADuM4472 Datasheet HTML 14Page - Analog Devices ADuM4472 Datasheet HTML 15Page - Analog Devices ADuM4472 Datasheet HTML 16Page - Analog Devices ADuM4472 Datasheet HTML 17Page - Analog Devices ADuM4472 Datasheet HTML 18Page - Analog Devices ADuM4472 Datasheet HTML 19Page - Analog Devices ADuM4472 Datasheet HTML 20Page - Analog Devices ADuM4472 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
Data Sheet
ADuM4470/ADuM4471/ADuM4472/ADuM4473/ADuM4474
Rev. 0 | Page 17 of 36
X1
1
*GND1 2
NC
3
X2
4
VREG
20
GND2*
19
VDD2
18
FB
17
VIA 5
VIB 6
VOC 7
VOA
16
VOB
15
VIC
14
VOD 8
VID
13
VDDA 9
OC
12
*GND1 10
GND2*
11
TOP VIEW
(Not to Scale)
ADuM4472
NOTES
1. THE PIN LABELED NC CAN BE ALLOWED TO FLOAT,
BUT IT IS BETTER TO CONNECT THIS PIN TO GROUND.
AVOID ROUTING HIGH SPEED SIGNALS THROUGH
THESE PINS BECAUSE NOISE COUPLING MAY RESULT.
*PIN 2 AND PIN 10 ARE INTERNALLY CONNECTED,
AND CONNECTING BOTH TO GND1 IS
RECOMMENDED. PIN 11 AND PIN 19 ARE
INTERNALLY CONNECTED, AND CONNECTING
BOTH TO GND2 IS RECOMMENDED.
Figure 10. ADuM4472 Pin Configuration
Table 14. ADuM4472 Pin Function Descriptions
Pin No. Mnemonic Description
1
X1
Transformer Driver Output 1.
2, 10
GND
1
Ground Reference for Isolator Primary.
3
NC
This pin is not connected internally (see Figure 10).
4
X2
Transformer Driver Output 2.
5
V
IA
Logic Input A.
6
V
IB
Logic Input B.
7
V
OC
Logic Output C.
8
V
OD
Logic Output D.
9
V
DDA
Primary Supply Voltage 3.0 V to 5.5 V. Connect to V
DD1. Connect a 0.1 µF bypass capacitor from VDDA to GND1.
11, 19
GND
2
Ground Reference for Isolator Side 2.
12
OC
Oscillator Control Pin. When OC = logic high = V
DD2, the secondary controller runs open-loop. To regulate the output
voltage, connect a resistor between the OC pin and GND
2, and the secondary controller runs at a frequency of 200 kHz
to 1 MHz, as programmed by the resistor value.
13
V
ID
Logic Input D.
14
V
IC
Logic Input C.
15
V
OB
Logic Output B.
16
V
OA
Logic Output A.
17
FB
Feedback Input from the Secondary Output Voltage, V
ISO. Use a resistor divider from VISO to the FB pin to make the VFB
voltage equal to the 1.25 V internal reference level using the V
ISO = VFB × (R1 + R2)/R2 formula. The resistor divider is
required even in open-loop mode to provide soft start.
18
V
DD2
Internal Supply Voltage Pin for the Secondary Side. When a sufficient external voltage is supplied to V
REG, the internal
regulator regulates the V
DD2 pin to 5.0 V. Otherwise, VDD2 should be in the 3.0 V to 5.5 V range. Connect a 0.1 µF bypass
capacitor from V
DD2 to GND2.
20
V
REG
Input of the Internal Regulator to Power the Secondary Side Controller. V
REG should be in the 5.5 V to 15 V range to
regulate the V
DD2 output to 5.0 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com