Electronic Components Datasheet Search
  English  ▼

X  

ADuM4472 Datasheet(PDF) 21 Page - Analog Devices

Part # ADuM4472
Description  Isolated Switching Regulator with Quad-Channel Isolators
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM4472 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADuM4472 Datasheet HTML 17Page - Analog Devices ADuM4472 Datasheet HTML 18Page - Analog Devices ADuM4472 Datasheet HTML 19Page - Analog Devices ADuM4472 Datasheet HTML 20Page - Analog Devices ADuM4472 Datasheet HTML 21Page - Analog Devices ADuM4472 Datasheet HTML 22Page - Analog Devices ADuM4472 Datasheet HTML 23Page - Analog Devices ADuM4472 Datasheet HTML 24Page - Analog Devices ADuM4472 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
Data Sheet
ADuM4470/ADuM4471/ADuM4472/ADuM4473/ADuM4474
Rev. 0 | Page 21 of 36
70
60
50
40
30
20
10
0
0
200
175
150
125
100
75
50
25
LOAD CURRENT (mA)
+25°C
–40°C
+105°C
Figure 19. Typical Efficiency at 3.3 V In to 5 V Out over Temperature with 1:3
Coilcraft Transformer (CR7984-CL) at 500 kHz fsw
80
70
60
50
40
30
20
10
0
0
140
130
120
110
100
90
80
70
60
50
40
30
20
10
LOAD CURRENT (mA)
fSW = 1MHz
fSW = 700kHz
fSW = 500kHz
fSW = 200kHz
Figure 20. 5 V Input to 15 V Output Efficiency at Various Switching
Frequencies with 1: 3 Coilcraft Transformer (CR7984-CL)
90
80
70
60
50
40
30
20
10
0
0
140
130
120
110
100
90
80
70
60
50
40
30
20
10
LOAD CURRENT (mA)
fSW = 1MHz
fSW = 700kHz
fSW = 500kHz
fSW = 200kHz
Figure 21. 5 V Input to 15 V Output Efficiency at Various Switching
Frequencies with 1:3 Halo Transformer (TGSAD-290V8LF)
80
70
60
50
40
30
20
10
0
0
140
130
120
110
100
90
80
70
60
50
40
30
20
10
LOAD CURRENT (mA)
+25°C
–40°C
+105°C
Figure 22. 5 V Input to 15 V Output Efficiency over Temperature with Coilcraft
Transformer (CR7984-CL) at 500 kHz fSW
80
70
60
50
40
30
20
10
0
0
70
65
60
55
50
45
40
35
30
25
20
15
10
5
LOAD CURRENT (mA)
5V IN TO 12V OUT
5V IN TO 15V OUT
Figure 23. Double-Supply Efficiency with Coilcraft Transformer (CR7985-CL)
at 500 kHz fSW
15
10
5
0
0
25
20
15
10
5
DATA RATE (Mbps)
VCC = 5V, VISO = 5V
VCC = 5V, VISO = 3.3V
VCC = 3.3V, VISO = 3.3V
Figure 24. Typical Single-Supply ICH Supply Current per Forward Data
Channel (15 pF Output Load)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com