Electronic Components Datasheet Search
  English  ▼

X  

ADuM4472 Datasheet(PDF) 28 Page - Analog Devices

Part # ADuM4472
Description  Isolated Switching Regulator with Quad-Channel Isolators
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM4472 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADuM4472 Datasheet HTML 24Page - Analog Devices ADuM4472 Datasheet HTML 25Page - Analog Devices ADuM4472 Datasheet HTML 26Page - Analog Devices ADuM4472 Datasheet HTML 27Page - Analog Devices ADuM4472 Datasheet HTML 28Page - Analog Devices ADuM4472 Datasheet HTML 29Page - Analog Devices ADuM4472 Datasheet HTML 30Page - Analog Devices ADuM4472 Datasheet HTML 31Page - Analog Devices ADuM4472 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
ADuM4470/ADuM4471/ADuM4472/ADuM4473/ADuM4474
Data Sheet
Rev. 0 | Page 28 of 36
TRANSFORMER PRIMARY INDUCTANCE AND
RESISTANCE
Another important characteristic of the transformer for designs
with the ADuM447x is the primary inductance. Transformers
for the ADuM447x are recommended to have between 60 μH to
100 μH of inductance per primary winding. Values of primary
inductance in this range are needed for smooth operation of the
ADuM447x pulse-by-pulse current-limit circuit, which can help
protect against buildup of saturation currents in the transformer. If
the inductance is specified for the total of both primary windings,
for example, as 400 μH, the inductance of one winding is ¼ of two
equal windings, or 100 μH.
Another important characteristic of the transformer for designs
with the ADuM447x is primary resistance. Primary resistance as
low as is practical (less than 1 Ω) helps reduce losses and improves
efficiency. The dc primary resistance can be measured and specified,
and is shown for the transformers in Table 17.
TRANSFORMER ISOLATION VOLTAGE
Isolation voltage and isolation type should be determined for
the requirements of the application and then specified. The
transformers in Table 17 have been specified for 2500 V rms
for supplemental or basic isolation and for 1500 V rms functional
isolation. Other isolation levels and isolation voltages can be
specified and requested from the manufacturers in Table 17
or from other manufacturers.
SWITCHING FREQUENCY
The ADuM447x switching frequency can be adjusted from
200 kHz to 1 MHz by changing the value of the ROC resistor
shown in Figure 48, Figure 49, and Figure 50. The value of the
ROC resistor needed for the desired switching frequency can be
determined from the switching frequency vs. the ROC resistance
curve shown in Figure 13. The output filter inductor value and
output capacitor value for the ADuM447x application schematics
have been designed to be stable over the switching frequency
range from 500 kHz to 1 MHz, when loaded from 10% to 90%
of the maximum load.
The ADuM447x also has an open-loop mode where the output
voltage is not regulated and is dependent on the transformer
turns ratio, NS/NP, and the conditions of the output, including
output load current and the losses in the dc-to-dc converter
circuit. This open-loop mode is selected when the OC pin is
connected high to the VDD2 pin. In open-loop mode, the
switching frequency is 318 kHz.
TRANSIENT RESPONSE
The load transient response of the output voltage of the ADuM447x
for 10% to 90% of the full load is shown in Figure 36 to Figure 43
for the application schematics in Figure 48 to Figure 50. The
response shown is slow but stable and can have more output
change than desired for some applications. The output voltage
change with load transient has been reduced, and the output has
been shown to remain stable by adding more inductance to the
output circuits, as shown in the second VISO output waveform in
Figure 36 to Figure 43.
For additional improvement in transient response, add a
0.1 μF ceramic capacitor (CFB) in parallel with the high feed-
back resistor. As shown in Figure 36 to Figure 43, this value
helps reduce the overshoot and undershoot during load
transients.
Table 17. Transformer Reference Designs
Part No.
Manufacturer
Turns
Ratio,
PRI:SEC
ET
Constant
(V × μs Min)
Total Primary
Inductance
(μH)
Total Primary
Resistance
(Ω)
Isolation
Voltage
(rms)
Isolation
Type
Reference
CR7983-CL
Coilcraft
1CT:2CT
18
256
0.2
5000
Reinforced
Figure 48
CR7984-CL
Coilcraft
1CT:3CT
18
256
0.2
5000
Reinforced
Figure 49
CR7985-CL
Coilcraft
1CT:5CT
18
256
0.2
5000
Reinforced
Figure 50
TGRAD-560V8LF
Halo Electronics
1CT:2CT
14
398
0.8
5000
Supplemental
Figure 48
TGRAD-590V8LF
Halo Electronics
1CT:3CT
14
398
0.8
5000
Supplemental
Figure 49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com