Electronic Components Datasheet Search
  English  ▼

X  

Z8F640 Datasheet(PDF) 1 Page - Zilog, Inc.

Part # Z8F640
Description  Advanced 20MHz 64KB Flash Microcontroller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F640 Datasheet(HTML) 1 Page - Zilog, Inc.

  Z8F640 Datasheet HTML 1Page - Zilog, Inc. Z8F640 Datasheet HTML 2Page - Zilog, Inc. Z8F640 Datasheet HTML 3Page - Zilog, Inc. Z8F640 Datasheet HTML 4Page - Zilog, Inc. Z8F640 Datasheet HTML 5Page - Zilog, Inc. Z8F640 Datasheet HTML 6Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ZiLOG Corporation • 532 Race Street • San Jose, CA 95126-3432 • www.zilog.com
Product Block Diagram
Overview
The Z8F640x series of devices are Flash
microcontrollers based on ZiLOG’s advanced eZ8
8-bit microprocessor core. The Z8 Encore!® MCU
family of devices sets a new standard for
performance and on-chip peripherals.
The Z8F640x series features twelve channels of
10-bit A/D conversion for measuring analog
signals.
These devices include four enhanced 16-bit timer
blocks featuring PWMs and Capture and Compare.
Up to 24 vectored interrupts with programmable
priorities provide increased application flexibility.
The new single-pin debugger and programming
interface simplifies code development and allows
for easy in-circuit programming.
Two full-duplex UARTs provide serial
communications and IrDA encoding and decoding
capability. SPI and I2C ports allow easy
incorporation into any system.
Z8 Encore!® MCU Features
•
New 20MHz ZiLOG eZ8 microprocessor core
•
64KB Flash program memory
•
4KB register RAM
•
Up to twelve channels, 10-bit A/D conversion
•
3 or 4 enhanced 16-bit timer blocks with
PWMs and Capture and Compare. The 44-pin
packages feature only 3 timers. The fourth
timer is available only in the 64- and 68-pin
packages.
•
Full-duplex SPI, I2C, and two UART ports
with IrDA encoder/decoders
•
31, 46 and 60 available I/O pins
•
3-channel DMA controller
•
On-chip debug with break and trap capability
•
Single-pin Flash programming
•
Watch-Dog Timer
•
Up to 24 vectored interrupts
•
Power-on reset and voltage brown-out
•
3.0 to 3.6 operating voltage with 5V-tolerant
inputs
•
Operating temperatures: Standard (0° to 70°C)
and Extended (-40° to +105°C)
•
40-, 44-, 64- and 68- and 80-pin packages
20MHz
eZ8 CPU
64KB Flash
4KB SRAM
12 Channel 10-bit ADC
3 to 4 16-bit Timers
Capture/Compare/PWM
Watch-Dog Timer
Crystal
Oscillator
& Reset
Control
SPI, I2C,
Two UARTs
with IrDA
On-Chip Debugger
Up to 60 I/O Pins
Z8F640x Series
Advanced 20MHz 64KB Flash Microcontroller
PB009511-0903
Product Brief


Similar Part No. - Z8F640

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z8F6401 ZILOG-Z8F6401 Datasheet
1Mb / 246P
Z8 Encore Microcontrollers with Flash Memory and 10-Bit A/D Converter
Z8F6401AN020EC ZILOG-Z8F6401AN020EC Datasheet
1Mb / 246P
Z8 Encore Microcontrollers with Flash Memory and 10-Bit A/D Converter
Z8F6401AN020SC ZILOG-Z8F6401AN020SC Datasheet
1Mb / 246P
Z8 Encore Microcontrollers with Flash Memory and 10-Bit A/D Converter
Z8F6401PM020EC ZILOG-Z8F6401PM020EC Datasheet
1Mb / 246P
Z8 Encore Microcontrollers with Flash Memory and 10-Bit A/D Converter
Z8F6401PM020SC ZILOG-Z8F6401PM020SC Datasheet
1Mb / 246P
Z8 Encore Microcontrollers with Flash Memory and 10-Bit A/D Converter
More results

Similar Description - Z8F640

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89C668 PHILIPS-P89C668 Datasheet
299Kb / 54P
80C51 8-bit Flash microcontroller family 64KB ISP FLASH with 8KB RAM
2001 Jul 27
logo
ATMEL Corporation
AT89C51AC3 ATMEL-AT89C51AC3 Datasheet
1Mb / 141P
Enhanced 8-bit Microcontroller with 64KB Flash Memory
logo
Aeroflex Circuit Techno...
UT80196 AEROFLEX-UT80196 Datasheet
186Kb / 10P
20MHz 16-bit Microcontroller
logo
ATMEL Corporation
AT89C51AC3 ATMEL-AT89C51AC3_05 Datasheet
1Mb / 143P
Enhanced 8-bit Microcontroller with 64KB Flash Memory
AT89C51AC3 ATMEL-AT89C51AC3_08 Datasheet
1Mb / 140P
Enhanced 8-bit Microcontroller with 64KB Flash Memory
logo
Maxim Integrated Produc...
MAXQ7670 MAXIM-MAXQ7670_09 Datasheet
440Kb / 38P
Microcontroller with 10-Bit ADC, PGA, 64KB Flash, and CAN Interface
Rev 1; 7/09
logo
Zilog, Inc.
Z8F3201PM020SC ZILOG-Z8F3201PM020SC Datasheet
119Kb / 6P
Advanced 20MHz 32KB Flash Microcontroller
logo
ATMEL Corporation
AT89LP51ED2-20JU ATMEL-AT89LP51ED2-20JU Datasheet
809Kb / 26P
8-bit Flash Microcontroller with 64KB Program Memory
ATMEGA64A ATMEL-ATMEGA64A_14 Datasheet
9Mb / 395P
8-bit Atmel Microcontroller with 64KB In-System Programmable Flash
logo
SyncMOS Technologies,In...
SM5964B SYNCMOS-SM5964B Datasheet
797Kb / 53P
Main Flash ROM 64KB
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com