Electronic Components Datasheet Search
  English  ▼

X  

Z8F640 Datasheet(PDF) 4 Page - Zilog, Inc.

Part # Z8F640
Description  Advanced 20MHz 64KB Flash Microcontroller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F640 Datasheet(HTML) 4 Page - Zilog, Inc.

  Z8F640 Datasheet HTML 1Page - Zilog, Inc. Z8F640 Datasheet HTML 2Page - Zilog, Inc. Z8F640 Datasheet HTML 3Page - Zilog, Inc. Z8F640 Datasheet HTML 4Page - Zilog, Inc. Z8F640 Datasheet HTML 5Page - Zilog, Inc. Z8F640 Datasheet HTML 6Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PB009511-0903
Z8 Encore!®
Advanced 20MHz 64KB Flash Microcontroller
4
Ordering Information
Order the Z8F640x series from ZiLOG, referencing
the following part numbers. For more information
regarding ordering, please consult your local
ZiLOG sales office. The ZiLOG website at
www.zilog.com lists all regional offices, as well as
additional Z8 Encore!® product information.
Standard Temperature: 0° to 70°C
Z8F6401PM020SC
64KB
4KB
31 23 3
8
1
1
2
PDIP 40-pin package
Z8F6401AN020SC
64KB
4KB
31 23 3
8
1
1
2
LQFP 44-pin package
Z8F6401VN020SC
64KB
4KB
31 23 3
8
1
1
2
PLCC 44-pin package
Z8F6402AR020SC
64KB
4KB
46 24 4
12
1
1
2
LQFP 64-pin package
Z8F6402VS020SC
64KB
4KB
46 24 4
12
1
1
2
PLCC 68-pin package
Z8F6403FT020SC
64KB
4KB
60 24 4
12
1
1
2
QFP 80-pin package
Extended Temperature: -40° to +105°C
Z846401PM020EC
64KB
4KB
31 23 3
8
1
1
2
PDIP 40-pin package
Z8F6401AN020EC
64KB
4KB
31 23 3
8
1
1
2
LQFP 44-pin package
Z8F6401VN020EC
64KB
4KB
31 23 3
8
1
1
2
PLCC 44-pin package
Z8F6402AR020EC
64KB
4KB
46 24 4
12
1
1
2
LQFP 64-pin package
Z8F6402VS020EC
64KB
4KB
46 24 4
12
1
1
2
PLCC 68-pin package
Z8F6403FT020EC
64KB
4KB
60 24 4
12
1
1
2
QFP 80-pin package
Z8ENCORE000ZCO
Development Kit



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com