Electronic Components Datasheet Search
  English  ▼

X  

Z8F640 Datasheet(PDF) 3 Page - Zilog, Inc.

Part # Z8F640
Description  Advanced 20MHz 64KB Flash Microcontroller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F640 Datasheet(HTML) 3 Page - Zilog, Inc.

  Z8F640 Datasheet HTML 1Page - Zilog, Inc. Z8F640 Datasheet HTML 2Page - Zilog, Inc. Z8F640 Datasheet HTML 3Page - Zilog, Inc. Z8F640 Datasheet HTML 4Page - Zilog, Inc. Z8F640 Datasheet HTML 5Page - Zilog, Inc. Z8F640 Datasheet HTML 6Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PB009511-0903
Z8 Encore!®
Advanced 20MHz 64KB Flash Microcontroller
3
Architecture
Figure 1 illustrates the Z8F640x block diagram.
Figure 1. Z8F640x Block Diagram
* The 40- and 44-pin packages feature only 3 timers. The fourth timer is unavailable.
Watch-Dog
Timer
Reset
Control
RC
Oscillator
16-Bit Counter/
Timer/Cap/PWM
16-Bit Counter/
Timer/Cap/PWM
16-Bit Counter/
Timer/Cap/PWM
16-Bit Counter/
Timer/Cap/PWM*
12-Channel
10-Bit A/D
Converter
SPI
I2C
UART 1
UART 0
Interrupt
Controller
DMA
Controller
Register File
4K x 8
eZ8
20 MHz
CPU
Crystal
Oscillator
On-Chip
Debugger
Flash
Program
Memory
64K x 8
Port A
Port B
Port C
Port D
Port E
Port F
Port G
Port H



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com