Electronic Components Datasheet Search
  English  ▼

X  

CLF7045 Datasheet(PDF) 3 Page - TDK Electronics

Part # CLF7045
Description  Inductors for Power Circuits
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CLF7045 Datasheet(HTML) 3 Page - TDK Electronics

  CLF7045 Datasheet HTML 1Page - TDK Electronics CLF7045 Datasheet HTML 2Page - TDK Electronics CLF7045 Datasheet HTML 3Page - TDK Electronics CLF7045 Datasheet HTML 4Page - TDK Electronics CLF7045 Datasheet HTML 5Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
(2/4)
002-02 / 20120928 / e531_clf
• All specifications are subject to change without notice.
ELECTRICAL CHARACTERISTICS
Idc1: Current based on inductance variation(Current when inductance decreases by 10% of the initial value)
Idc2: Current based on increasing product temperature(Current when temperature of the product reaches +30°C)
Between Idc1 and Idc2, the smaller of the two will be made the rated current.
• Operating temperature range: –40 to +105°C (Including self-temperature rise)
• Test equipment
Inductance: 4285A PRECISION LCR METER, HP or equivalent
Rdc: MILLIOHM METER VP-2941A, MATSUSHITA or equivalent
Rated current: 4285A PRECISION LCR METER, HP with 42841A BIAS CURRENT SOURCE, HP/42842C TEST FIXTURE, HP or equivalent
TYPICAL ELECTRICAL CHARACTERISTICS
INDUCTANCE vs. DC SUPERPOSITION CHARACTERISTICS
TEST CIRCUIT
PACKAGING STYLES
REEL DIMENSIONS
TAPE DIMENSIONS
Part No.
Inductance
(µH)
Inductance
tolerance(%)
Test frequency
(kHz)
DC resistance
(
 )
Rated current(A)
Idc1
Idc2
CLF7045T-1R0N
1.0
±30
100
9.6m±30%
8.9
5.2
CLF7045T-1R5N
1.5
±30
100
11.0m±30%
7.3
4.9
CLF7045T-2R2N
2.2
±30
100
14.6m±30%
5.5
4.3
CLF7045T-3R3N
3.3
±30
100
16.4m±30%
5.0
4.1
CLF7045T-4R7N
4.7
±30
100
20m±30%
4.1
3.6
CLF7045T-6R8N
6.8
±30
100
27m±30%
3.3
3.0
CLF7045T-100M
10
±20
100
38m±20%
2.7
2.5
CLF7045T-150M
15
±20
100
51m±20%
2.3
2.1
CLF7045T-220M
22
±20
100
69m±20%
1.9
1.8
CLF7045T-330M
33
±20
100
0.11±20%
1.55
1.40
CLF7045T-470M
47
±20
100
0.15±20%
1.30
1.20
CLF7045T-680M
68
±20
100
0.21±20%
1.10
0.95
CLF7045T-101M
100
±20
100
0.33±20%
0.90
0.75
CLF7045T-151M
150
±20
100
0.48±20%
0.67
0.61
CLF7045T-221M
220
±20
100
0.66±20%
0.62
0.52
CLF7045T-331M
330
±20
100
1.03±20%
0.49
0.42
CLF7045T-471M
470
±20
100
1.42±20%
0.43
0.37
DC current(A)
0.1
1
10
1
10
100
1000
10
μH
22
μH
47
μH
220
μH
100
μH
470
μH
4.7
μH
2.2
μH
1.5
μH
1: LCR meter 4285A f=100kHz
2: DC constant current source
1
2
A
C=20,000
μF
L=0.1H
Sample
(2.0)
ø13.0
±0.5
ø21.0
±0.8
22.4max.
2.0
±0.5
ø330.0
±2
Dimensions in mm
(1.0)
16.4
+2
–0
4.0
±0.1∗
2.0
±0.1
12.0
±0.1
ø1.5
+0.1
–0
(7.5)
(0.4)
(4.9)
(ø1.5)
∗ Cumulative 10 pitches=40±0.2mm
Dimensions in mm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com