Electronic Components Datasheet Search
  English  ▼

X  

CLF7045 Datasheet(PDF) 5 Page - TDK Electronics

Part # CLF7045
Description  Inductors for Power Circuits
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CLF7045 Datasheet(HTML) 5 Page - TDK Electronics

  CLF7045 Datasheet HTML 1Page - TDK Electronics CLF7045 Datasheet HTML 2Page - TDK Electronics CLF7045 Datasheet HTML 3Page - TDK Electronics CLF7045 Datasheet HTML 4Page - TDK Electronics CLF7045 Datasheet HTML 5Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
(4/4)
002-02 / 20120928 / e531_clf
• All specifications are subject to change without notice.
ELECTRICAL CHARACTERISTICS
Idc1: Current based on inductance variation(Current when inductance decreases by 10% of the initial value)
Idc2: Current based on increasing product temperature(Current when temperature of the product reaches +30°C)
Between Idc1 and Idc2, the smaller of the two will be made the rated current.
• Operating temperature range: –40 to +105°C (Including self-temperature rise)
• Test equipment
Inductance: 4285A PRECISION LCR METER, HP or equivalent
Rdc: MILLIOHM METER VP-2941A, MATSUSHITA or equivalent
Rated current: 4285A PRECISION LCR METER, HP with 42841A BIAS CURRENT SOURCE, HP/42842C TEST FIXTURE, HP or equivalent
TYPICAL ELECTRICAL CHARACTERISTICS
INDUCTANCE vs. DC SUPERPOSITION CHARACTERISTICS
TEST CIRCUIT
PACKAGING STYLES
REEL DIMENSIONS
TAPE DIMENSIONS
Part No.
Inductance
(µH)
Inductance
tolerance(%)
Test frequency
(kHz)
DC resistance
(
 )
Rated current(A)
Idc1
Idc2
CLF10040T-1R0N
1.0
±30
100
5.7m±30%
12.0
6.3
CLF10040T-1R5N
1.5
±30
100
7.1m±30%
10.6
5.8
CLF10040T-2R2N
2.2
±30
100
9.7m±30%
7.5
5.0
CLF10040T-3R3N
3.3
±30
100
11.0m±30%
6.6
4.8
CLF10040T-4R7N
4.7
±30
100
14.5m±30%
5.4
4.2
CLF10040T-6R8N
6.8
±30
100
18.5m±30%
4.8
3.7
CLF10040T-100M
10
±20
100
26m±20%
4.0
3.3
CLF10040T-150M
15
±20
100
40m±20%
3.2
2.5
CLF10040T-220M
22
±20
100
55m±20%
2.7
2.2
CLF10040T-330M
33
±20
100
80m±20%
2.2
1.7
CLF10040T-470M
47
±20
100
125m±20%
1.9
1.3
CLF10040T-680M
68
±20
100
0.18±20%
1.6
1.1
CLF10040T-101M
100
±20
100
0.24±20%
1.3
1.0
CLF10040T-151M
150
±20
100
0.38±20%
1.0
0.8
CLF10040T-221M
220
±20
100
0.52±20%
0.88
0.70
CLF10040T-331M
330
±20
100
0.86±20%
0.70
0.53
CLF10040T-471M
470
±20
100
1.21±20%
0.56
0.44
DC current(A)
0.1
1
10
1
10
100
1000
10
μH
22
μH
47
μH
220
μH
100
μH
470
μH
4.7
μH
2.2
μH
1.5
μH
1: LCR meter 4285A f=100kHz
2: DC constant current source
1
2
A
C=20,000
μF
L=0.1H
Sample
(2.0)
ø13.0
±0.5
ø21.0
±0.8
30.4max.
2.0
±0.5
ø330.0
±2
Dimensions in mm
(1.0)
24.4
+2
–0
4.0
±0.1∗
2.0
±0.1
16.0
±0.1
ø1.5
+0.1
–0
(10.4)
(0.5)
(4.6)
(ø1.5)
∗ Cumulative 10 pitches=40±0.2mm
Dimensions in mm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com