Electronic Components Datasheet Search
  English  ▼

X  

CLF7045 Datasheet(PDF) 4 Page - TDK Electronics

Part # CLF7045
Description  Inductors for Power Circuits
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CLF7045 Datasheet(HTML) 4 Page - TDK Electronics

  CLF7045 Datasheet HTML 1Page - TDK Electronics CLF7045 Datasheet HTML 2Page - TDK Electronics CLF7045 Datasheet HTML 3Page - TDK Electronics CLF7045 Datasheet HTML 4Page - TDK Electronics CLF7045 Datasheet HTML 5Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
(3/4)
002-02 / 20120928 / e531_clf
• All specifications are subject to change without notice.
Inductors for Power Circuits
Wound/STD • Magnetic Shielded
CLF Series CLF10040
This product offers superb EMC handling enabled by the construc-
tion of a high magnetic shield.
FEATURES
• Miniature size
Mount area: 9.7
10mm
Height: 3.8±0.3mm
• Generic use for portable DC to DC converter line.
• Available for automatic mounting in tape and real package.
• The products do not contain lead and support lead-free
soldering.
APPLICATIONS
LCD-TVs, PDP-TVs, LCD displays, DVD recorders, etc.
SHAPES AND DIMENSIONS
RECOMMENDED PC BOARD PATTERN
CIRCUIT DIAGRAM
PRODUCT IDENTIFICATION
(1) Series name
(2) Dimensions
□ H mm
(3)Packaging style
(4) Inductance value
(5) Inductance tolerance
PACKAGING STYLE AND QUANTITIES
HANDLING AND PRECAUTIONS
• Before soldering, be sure to preheat components.
The preheating temperature should be set so that the
temperature difference between the solder temperature and
product temperature does not exceed 150°C.
• When hand soldering, apply the soldering iron to the printed
circuit board only. Temperature of the iron tip should not exceed
350±10°C. Soldering time should not exceed 3 seconds.
RECOMMENDED SOLDERING CONDITION
REFLOW SOLDERING
Conformity to RoHS Directive
Weight: 1.32g
Dimensions in mm
10.0
±0.3
3.8
±0.3
2.0
±0.15
(6.0)
2.0
±0.15
100
Polarity Marking (st.side)
Inductance print
2.5
5.6
2.5
Dimensions in mm
CLF 10040
T
○○○ □
(1)
(2)
(3)
(4)
(5)
T
Taping
(Embossed carrier tape)
1R0
1.0µH
100
10µH
101
100µH
M±20%
N±30%
Packaging style
Quantity
Taping
800 pieces/reel
30s
60 to 120s
Preheating
5s
Natural
cooling
250˚C
230˚C min.
150˚C
180˚C
Time(s)
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com