Electronic Components Datasheet Search
  English  ▼

X  

ST26025A Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST26025A
Description  Smart power solutions for car body applications
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST26025A Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST26025A Datasheet HTML 3Page - STMicroelectronics ST26025A Datasheet HTML 4Page - STMicroelectronics ST26025A Datasheet HTML 5Page - STMicroelectronics ST26025A Datasheet HTML 6Page - STMicroelectronics ST26025A Datasheet HTML 7Page - STMicroelectronics ST26025A Datasheet HTML 8Page - STMicroelectronics ST26025A Datasheet HTML 9Page - STMicroelectronics ST26025A Datasheet HTML 10Page - STMicroelectronics ST26025A Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7
High-side switches for 24 V applications — Truck devices
Part number
Package
Technology
Supply voltage (VCC)
min (V)
Supply voltage (VDD)
max (V)
Absolute max supply
voltage (V)
Max on-state
resistance RDS(on) max
(mΩ)
Drain current limit
(Ilim) typ (A)
Current sense
VND5T100A-E (*)
SO‑16N
M0‑5T
8
36
58
100
22
•
VND5T100AJ-E
PowerSSO‑12
M0‑5T
8
36
58
100
22
•
VND5T050AK-E (*)
PowerSSO‑24
M0‑5T
8
36
58
50
34
•
VND5T035AK-E
PowerSSO‑24
M0‑5T
8
36
58
35
42
•
VND5T035AS-E (*)
SO‑16L
M0‑5T
8
36
58
35
42
•
VN5T016AH-E (*)
HPAK
M0‑5T
8
36
58
16
67
•
VND5T016ASP-E (*)
PowerSO‑16
M0‑5T
8
36
58
16
60
•
VN5T006ASP-E (*)
PowerSO‑10
M0‑5T
8
36
58
6
84
•
(*) in development
High-side switches with asymmetrical output
Part number
Package
Technology
Supply voltage (VCC)
Absolute
max supply
voltage (V)
Max on-state
resistance RDS(on)
max (mΩ)
Drain current
limit (Ilim) typ
(A)
Current sense
SPI
Description
min (V)
max (V)
VNQ6040S-E
PowerSSO‑36
M0‑6
4.5
28
40
4x40
25
•
•
Rear corner lights
VNQ6004S-E
PowerSSO‑36
M0‑6
4.5
28
40
2x10
50
•
•
Front corner lights
2x30
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com