Electronic Components Datasheet Search
  English  ▼

X  

ST26025A Datasheet(PDF) 14 Page - STMicroelectronics

Part # ST26025A
Description  Smart power solutions for car body applications
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST26025A Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ST26025A Datasheet HTML 10Page - STMicroelectronics ST26025A Datasheet HTML 11Page - STMicroelectronics ST26025A Datasheet HTML 12Page - STMicroelectronics ST26025A Datasheet HTML 13Page - STMicroelectronics ST26025A Datasheet HTML 14Page - STMicroelectronics ST26025A Datasheet HTML 15Page - STMicroelectronics ST26025A Datasheet HTML 16Page - STMicroelectronics ST26025A Datasheet HTML 17Page - STMicroelectronics ST26025A Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
14
Motor drivers
Part number
Package
Technology
Output mode
Max on-state
resistance
RDS(on) max (mΩ)
Current
limitation
(Ilim) typ (A)
Supply voltage (VCC)
Absolute
max supply
voltage (V)
Highlights
min (V)
max (V)
L9997ND
SO‑20
BCD
2 half bridge
700
1.6
7
16.5
26
‑ Short‑circuit and over temperature protected
L99H01XP
PowerSSO‑36
BCD5
H‑bridge
280
‑
6
28
35
‑ Programmable free wheeling
‑ Current‑sense amplifier/free configuration
‑ Sensing circuitry of external MOSFET with embedded thermal sensor
L99H01QF
LQFP‑32
BCD5
H‑bridge
280
‑
6
28
35
‑ Programmable free wheeling
‑ Current‑sense amplifier/free configuration
‑ Sensing circuitry of external MOSFET with embedded thermal sensor
VN5770AKP-E
SO‑28
M0‑5, M0‑3 2 HSD and 2 LSD
280
8.5
4.5
36
41
‑ Active power limitation(patent IP) on high side
‑ Thermal shutdown
VN5772AK-E
SO‑28
M0‑5
2 HSD and 2 LSD
100
18
4.5
36
41
‑ Active power limitation(patent IP) on both high and low side
‑ Thermal shutdown
VN770KP-E
SO‑28
M0‑3
2 HSD and 2 LSD
225
9
5.5
36
41
‑ Short circuit and over temperature protected
VN771KP-E
SO‑28
M0‑3
2 HSD and 2 LSD
95
9
5.5
36
41
‑ Short circuit and over temperature protected
VN772KP-E
SO‑28
M0‑3
2 HSD and 2 LSD
125
9
5.5
36
41
‑ Short circuit and over temperature protected
VNH2SP30-E MultiPowerSO‑30
M0‑4
Full bridge
19
50
5.5
16
41
‑ Cross conduction protection
‑ PWM operations up to 20 KHz
‑ Current sense
VNH3ASP30-E MultiPowerSO‑30
M0‑4
Full bridge
42
50
5.5
16
41
‑ Cross conduction protection
‑ PWM operations up to 20 KHz
‑ Current sense
VNH3SP30-E MultiPowerSO‑30
M0‑3
Full bridge
45
50
5.5
36
40
‑ Cross conduction protection
‑ PWM operations up to 10 KHz
‑ Current sense
VNH5019A-E MultiPowerSO‑30
M0‑5
Full bridge
18
50
5.5
24
41
‑ Cross conduction protection
‑ PWM operations up to 20 KHz
‑ Current sense
‑ Charge pump output for reverse polarity protection
VNH5050A-E
PowerSSO‑36
M0‑5
Full bridge
50
42
5.5
18
41
‑ Cross conduction protection
‑ PWM operations up to 20 KHz
‑ Current sense
‑ Output protected against short to ground andshort to VCC
VNH5180A-E
PowerSSO‑36
M0‑5
Full bridge
180
12
5.5
18
41
‑ Cross conduction protection
‑ PWM operations up to 20 KHz
‑ Current sense
‑ Output protected against short to ground and short to VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com