Electronic Components Datasheet Search
  English  ▼

X  

ST26025A Datasheet(PDF) 16 Page - STMicroelectronics

Part # ST26025A
Description  Smart power solutions for car body applications
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST26025A Datasheet(HTML) 16 Page - STMicroelectronics

Back Button ST26025A Datasheet HTML 10Page - STMicroelectronics ST26025A Datasheet HTML 11Page - STMicroelectronics ST26025A Datasheet HTML 12Page - STMicroelectronics ST26025A Datasheet HTML 13Page - STMicroelectronics ST26025A Datasheet HTML 14Page - STMicroelectronics ST26025A Datasheet HTML 15Page - STMicroelectronics ST26025A Datasheet HTML 16Page - STMicroelectronics ST26025A Datasheet HTML 17Page - STMicroelectronics ST26025A Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
16
Ignition drivers
Part number
Package
Technology
High voltage
clamp (VCL)
typ (V)
Current
limitation
(Ilim) max (A)
Power stage saturation
voltage (VCE SAT)
Supply
voltage (VCC)
min (V)
Supply
voltage (VCC)
max (V)
Supply
current on
state (ICC)
max (mA)
Description
(@ 6 A) max
(V)
(@ 15 A)
max (V)
VB525SP-E
PowerSO‑10
M1
380
11
2
4.5
5.5
40
Quasi proportional current driving
Current flag
VB526SP-E
PowerSO‑10
M1
360
11
2
4.5
5.5
40
Quasi proportional current driving
Current flag
VB125ASPTR-E
PowerSO‑10
M1
370
11
2
6
24
200
Temperature compensated high‑voltage flag
Current flag
Voltage regulator not required
VB027SP-E
PowerSO‑10
M1
360
9
2
4.5
5.5
130
Quasi proportional current driving
Current flag



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com