Electronic Components Datasheet Search
  English  ▼

X  

AS358 Datasheet(PDF) 5 Page - BCD Semiconductor Manufacturing Limited

Part # AS358
Description  LOW POWER DUAL OPERATIONAL AMPLIFIERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AS358 Datasheet(HTML) 5 Page - BCD Semiconductor Manufacturing Limited

  AS358 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AS358 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AS358 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AS358 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AS358 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AS358 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AS358 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AS358 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AS358 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LOW POWER DUAL OPERATIONAL AMPLIFIERS
AS358/358A
5
BCD Semiconductor Manufacturing Limited
Jan. 2013 Rev. 2. 2
Data Sheet
Limits in standard typeface are for TA=25oC, bold typeface applies over -40oC to 85oC (Note 2), VCC=5V, GND=0V, unless
otherwise specified.
Electrical Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Input Offset Voltage
VIO
VO=1.4V, RS=0Ω,
VCC=5V to 30V
AS358
25
mV
7
AS358A
23
5
Average Temperature Coeffi-
cient of Input Offset Voltage
ΔVIO/ΔT TA=-40 to 85oC
7
μV/oC
Input Bias Current
IBIAS
IIN+ or IIN-, VCM=0V
20
200
nA
200
Input Offset Current
IIO
IIN+ - IIN-, VCM=0V
530
nA
100
Input Common Mode Voltage
Range (Note 3)
VIR
VCC=30V
0
VCC -1.5
V
Supply Current
ICC
TA=-40 to 85oC, RL=∞, VCC=30V
0.7
2
mA
TA=-40 to 85oC, RL=∞, VCC=5V
0.5
1.2
Large Signal Voltage Gain
GV
VCC=15V, VO=1V to 11V, RL ≥ 2kΩ
85
100
dB
80
Common Mode Rejection
Ratio
CMRR
DC, VCM=0V to (VCC-1.5)V
60
70
dB
60
Power
Supply
Rejection
Ratio
PSRR
VCC=5V to 30V
70
100
dB
60
Channel Separation
CS
f=1kHz to 20kHz
-120
dB
Output Current
Source
ISOURCE VIN+=1V, VIN-=0V, VCC=15V, VO=2V
20
40
mA
20
Sink
ISINK
VIN+=0V, VIN-=1V, VCC=15V, VO=2V
10
15
mA
5
VIN+=0V,VIN-=1V,VCC=15V, VO=0.2V
12
50
μA
Output Short Circuit Current
to Ground
ISC
VCC=15V
40
60
mA
Output Voltage Swing
VOH
VCC=30V, RL=2kΩ
26
V
26
VCC=30V, RL=10kΩ
27
28
27
VOL
VCC=5V, RL= 10kΩ
520
mV
30
Thermal Resistance
(Junction to Case)
θJC
DIP-8
53
oC/W
SOIC-8
78
Note 2: Limits over the full temperature are guaranteed by design, but not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com