Electronic Components Datasheet Search
  English  ▼

X  

AS358 Datasheet(PDF) 15 Page - BCD Semiconductor Manufacturing Limited

Part # AS358
Description  LOW POWER DUAL OPERATIONAL AMPLIFIERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AS358 Datasheet(HTML) 15 Page - BCD Semiconductor Manufacturing Limited

Back Button AS358 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AS358 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AS358 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AS358 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AS358 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AS358 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AS358 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited AS358 Datasheet HTML 15Page - BCD Semiconductor Manufacturing Limited AS358 Datasheet HTML 16Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
LOW POWER DUAL OPERATIONAL AMPLIFIERS
AS358/358A
15
BCD Semiconductor Manufacturing Limited
Jan. 2013 Rev. 2. 2
Data Sheet
MSOP-8
Unit: mm(inch)
Mechanical Dimensions (Continued)
0.650(0.026)TYP
0.300(0.012)TYP
0.800(0.031)
1.200(0.047)
3.100(0.122)
2.900(0.114)
0°
6°
0.150(0.006)TY
P
0.760(0.030)
0.970(0.038)
`
Note: Eject hole, oriented hole and mold mark is optional.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com