Electronic Components Datasheet Search
  English  ▼

X  

AS358 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AS358
Description  LOW POWER DUAL OPERATIONAL AMPLIFIERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AS358 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AS358 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AS358 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AS358 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AS358 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AS358 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AS358 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AS358 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AS358 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AS358 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LOW POWER DUAL OPERATIONAL AMPLIFIERS
AS358/358A
1
BCD Semiconductor Manufacturing Limited
Jan. 2013 Rev. 2. 2
Data Sheet
General Description
The AS358/358A consist of two independent, high
gain and internally frequency compensated operational
amplifiers, they are specifically designed to operate
from a single power supply. Operation from split
power supply is also possible and the low power sup-
ply current drain is independent of the magnitude of
the power supply voltages. Typical applications
include transducer amplifiers, DC gain blocks and
most conventional operational amplifier circuits.
The AS358/358A series are compatible with industry
standard 358. AS358A has more stringent input offset
voltage than AS358.
The AS358 is available in DIP-8, TDIP-8, SOIC-8,
TSSOP-8 and MSOP-8 packages, AS358A is available
in DIP-8 and SOIC-8 packages.
Features
·
Internally Frequency Compensated for Unity
Gain
·
Large Voltage Gain: 100dB (Typical)
·
Low Input Bias Current: 20nA (Typical)
·
Low Input Offset Voltage: 2mV (Typical)
·
Low Supply Current: 0.5mA (Typical)
·
Wide Power Supply Voltage:
Single Supply: 3V to 36V
Dual Supplies: ± 1.5V to ± 18V
·
Input Common Mode Voltage Range Includes
Ground
·
Large Output Voltage Swing: 0V to VCC -1.5V
Applications
·
Battery Charger
·
Cordless Telephone
·
Switching Power Supply
Figure 1. Package Types of AS358/358A
SOIC-8
TSSOP-8
DIP-8
MSOP-8
TDIP-8


Similar Part No. - AS358

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AS358 BCDSEMI-AS358 Datasheet
276Kb / 15P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
logo
Diodes Incorporated
AS358 DIODES-AS358 Datasheet
631Kb / 19P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
Rev 5
AS358 DIODES-AS358 Datasheet
571Kb / 19P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
Rev 6
logo
BCD Semiconductor Manuf...
AS358,358A BCDSEMI-AS358,358A Datasheet
819Kb / 16P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
logo
ams AG
AS3588A AMSCO-AS3588A Datasheet
98Kb / 15P
DIGITAL TIME/SPACE CROSSPOINT SWITCH
More results

Similar Description - AS358

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
1,009Kb / 25P
Low Power Dual Operational Amplifiers
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158 Datasheet
264Kb / 12P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL022C TI-TL022C Datasheet
87Kb / 5P
DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
276Kb / 16P
Low Power Dual Operational Amplifiers
logo
Hi-Sincerity Mocroelect...
HLM358 HSMC-HLM358 Datasheet
108Kb / 7P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
logo
Diodes Incorporated
AP358 DIODES-AP358 Datasheet
298Kb / 15P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
AP358 Rev. 4
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158_07 Datasheet
318Kb / 20P
Low power dual operational amplifiers
25-Apr-2007
LM158W STMICROELECTRONICS-LM158W_08 Datasheet
326Kb / 18P
Low power dual operational amplifiers
11-Feb-2008
logo
Global Mixed-mode Techn...
G1520 GMT-G1520 Datasheet
797Kb / 1P
Low Power Dual Operational Amplifiers
logo
Texas Instruments
TL022C TI1-TL022C_14 Datasheet
686Kb / 15P
DUAL LOW-POWER OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com