Electronic Components Datasheet Search
  English  ▼

X  

10491 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # 10491
Description  Avago Aveon20mm range
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

10491 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button 10491 Datasheet HTML 6Page - List of Unclassifed Manufacturers 10491 Datasheet HTML 7Page - List of Unclassifed Manufacturers 10491 Datasheet HTML 8Page - List of Unclassifed Manufacturers 10491 Datasheet HTML 9Page - List of Unclassifed Manufacturers 10491 Datasheet HTML 10Page - List of Unclassifed Manufacturers 10491 Datasheet HTML 11Page - List of Unclassifed Manufacturers 10491 Datasheet HTML 12Page - List of Unclassifed Manufacturers 10491 Datasheet HTML 13Page - List of Unclassifed Manufacturers 10491 Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
WHITE HOLDERS
BLACK HOLDERS
4.3 PEG
Not Stocked
2.0 PEG
Not stocked
0.8 PEG
Stocked
4.3 PEG
Not Stocked
2.0 PEG
Not Stocked
0.8 PEG
Not Stocked
10449
10459
10469
10479
10489
10499
10391
10392
10393
www.carclo-optics.com
10394
Avago RGB Moonstone 26.5mm range
Part No.
Description
Warm White
FWHM
#
EFF
Cd/lm
10391
Plain Tight
12.2
87.2%
13
10392
Frosted Narrow
15.9
88%
6.30
10393
Medium Frosted
26.5
81%
2.4
10394
Frosted Wide
29.1
84.7%
2.2
10395
Elliptical



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com