Electronic Components Datasheet Search
  English  ▼

X  

10491 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # 10491
Description  Avago Aveon20mm range
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

10491 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button 10491 Datasheet HTML 6Page - List of Unclassifed Manufacturers 10491 Datasheet HTML 7Page - List of Unclassifed Manufacturers 10491 Datasheet HTML 8Page - List of Unclassifed Manufacturers 10491 Datasheet HTML 9Page - List of Unclassifed Manufacturers 10491 Datasheet HTML 10Page - List of Unclassifed Manufacturers 10491 Datasheet HTML 11Page - List of Unclassifed Manufacturers 10491 Datasheet HTML 12Page - List of Unclassifed Manufacturers 10491 Datasheet HTML 13Page - List of Unclassifed Manufacturers 10491 Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
26.5mm OPTIC
Part No.
TYPE
10391
Plain Tight
10392
Narrow Frosted
10393
Medium Frosted
10394
Wide Frosted
10395
Elliptical
10396
Elliptical Ortho
0.9
D
C
A (LED pkg
height)
To shoulder of
holder leg and
surface of PCB
To holder edge
(not optic)
B (optic base
to LED pkg
top)
Notes:
1.
CARCLO multi-chip holder compatible with LED package mounted on 19.9mm (across flats) star board, otherwise drill holes on PCB for location pegs on legs. Refer to Drawing 60475 for hole separation
2.
The multichip holder leg height includes an extra 1.0mm for the AcuLED since only a 13mm (across flats) star board is available. The CARCLO holder reaches over the AcuLED star board so that the holder sits
directly on the PCB (and not the star board).
www.carclo-optics.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com