Electronic Components Datasheet Search
  English  ▼

X  

10491 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 10491
Description  Avago Aveon20mm range
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

10491 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  10491 Datasheet HTML 1Page - List of Unclassifed Manufacturers 10491 Datasheet HTML 2Page - List of Unclassifed Manufacturers 10491 Datasheet HTML 3Page - List of Unclassifed Manufacturers 10491 Datasheet HTML 4Page - List of Unclassifed Manufacturers 10491 Datasheet HTML 5Page - List of Unclassifed Manufacturers 10491 Datasheet HTML 6Page - List of Unclassifed Manufacturers 10491 Datasheet HTML 7Page - List of Unclassifed Manufacturers 10491 Datasheet HTML 8Page - List of Unclassifed Manufacturers 10491 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Avago Aveon 26.5mm range
*Orthogonal is the elliptical beam turned through 90deg.
# Full Width Half Maximum i.e. total viewing angle
Part No.
Colour
Description
10449
White
4.3mm foot (not Stocked)
10459
White
2.0mm foot (Not Stocked)
10469
White
0.8mm foot (Stocked)
10479
Black
4.3mm foot (Not Stocked)
10489
Black
2.0mm foot (Not Stocked)
10499
Black
0.8mm foot (Not Stocked)
www.carclo-optics.com
10048
Part No.
Description
White
FWHM
#
EFF
Cd/lm
10048
Plain Tight
6.91*6.89
84.9%
25.65
10124
Frosted Narrow
11.27*10.94
81.8%
13.79
10108
Medium Frosted
22.32*21.97
78.7%
3.92
10260
Frosted Wide
Optic will not fit LED
10049
Elliptical
44.01*8.14
80.3%
5.80
10224
Elliptical Orthogonal*
48.25*8.14
80.8%
5.35
10234
Elliptical Ramp Optic
45.61*7.83
80.0%
5.57
10234
10049 & 10224
10108
10124



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com