| Electronic Components Datasheet Search |
|
WM8953 Datasheet(PDF) 49 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8953 Datasheet(HTML) 49 Page - Wolfson Microelectronics plc |
|
49 / 100 page ![]() Production Data WM8953 w PD, January 2009, Rev 4.0 49 INTERRUPT EVENT OUTPUT An interrupt can be generated by any of the following events described earlier: • Button Control input (on GPIO3, GPIO4, GPIO5, GPI7 or GPI8) • MICBIAS current / short circuit / accessory detect • PLL Lock • Temperature Sensor The interrupt status flag IRQ is asserted when any un-masked Interrupt input is asserted. It is the OR’d combination of all the un-masked Interrupt inputs. If required, this flag may be inverted using the IRQ_INV register bit. The GPIO pins can be configured to output the IRQ signal. The interrupt behaviour is driven by level detection (not edge detection) of the un-masked inputs. Therefore, if an input remains asserted after the interrupt register has been reset, then the interrupt status flag IRQ will be triggered again even though no transition has occurred. If edge detection is required (eg. confirming that the input has been de-asserted), then the polarity inversion may be used after each event in order to detect each rising and falling edge separately. This is described further in the “GPIO Summary” section. The status of the IRQ flag may be read back via the control interface. The status of each GPIO pin and the internal signals PLL_LCK, TEMPOK, MICSHRT and MICDET may also be read back in the same way. The IRQ register (R18) is described in Table 30. The status of the GPIO pins or other Interrupt inputs can be read back via the read/write bits R18[11:0]. The Interrupt inputs are latched once set. Each input may be reset by writing a 1 to the appropriate bit. The IRQ bit cannot be reset; it is the OR’d combination of all other registers and will reset only if R18[11:0] are all 0. If direct output of the Interrupt signal is required to external pins of the WM8953, the following register settings are required: • AIF_TRIS = 0 • GPIOn_SEL = 0111 for the selected Interrupt (IRQ) output pin • GPIOn_PU = 0 for the selected Interrupt (IRQ) output pin • GPIOn_PD = 0 for the selected Interrupt (IRQ) output pin |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |