Electronic Components Datasheet Search
  English  ▼

X  

WM8953 Datasheet(PDF) 13 Page - Wolfson Microelectronics plc

Part # WM8953
Description  Low Power Stereo ADC with PLL and TDM Interface
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8953 Datasheet(HTML) 13 Page - Wolfson Microelectronics plc

Back Button WM8953 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8953 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8953 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8953 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8953 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8953 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8953 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8953 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8953 Datasheet HTML 17Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 100 page
background image
Production Data
WM8953
w
PD, January 2009, Rev 4.0
13
TYPICAL POWER CONSUMPTION
AVDD DBVDD DCVDD IAVDD IDBVDD IDCVDD Total Power
(V)
(V)
(V)
(mA)
(mA)
(mA)
(mW)
2.7
1.8
1.8
0.028
0.000
0.000
0.075
3.0
2.5
2.5
0.029
0.000
0.000
0.087
3.3
3.3
3.3
0.030
0.000
0.000
0.099
3.6
3.6
3.6
0.031
0.000
0.000
0.114
2.7
1.8
1.8
0.008
0.000
0.000
0.020
3.0
2.5
2.5
0.008
0.000
0.000
0.024
3.3
3.3
3.3
0.009
0.000
0.000
0.029
3.6
3.6
3.6
0.009
0.000
0.000
0.035
2.7
1.8
1.8
0.087
0.004
0.459
1.068
3.0
2.5
2.5
0.096
0.008
0.694
2.044
3.3
3.3
3.3
0.106
0.014
1.025
3.780
3.6
3.6
3.6
0.117
0.017
1.162
4.667
2.7
1.8
1.8
5.272
0.023
2.285
18.389
3.0
2.5
2.5
5.603
0.039
3.317
25.199
3.3
3.3
3.3
5.927
0.060
4.728
35.358
3.6
3.6
3.6
6.261
0.063
5.295
41.830
2.7
1.8
1.8
5.125
0.017
0.758
15.233
3.0
2.5
2.5
5.434
0.027
1.123
19.177
3.3
3.3
3.3
5.738
0.061
1.634
24.528
3.6
3.6
3.6
6.053
0.062
1.841
28.642
With Clocks
fs=44.1kHz
fs=8kHz
Stereo Line Record
(L/RIN2 to INMIXL/R bypassing PGA)
Stereo Line Record
(L/RIN2 to INMIXL/R bypassing PGA)
Mode
Other settings
ADC Record
Standby/Sleep
OFF (default state at power-up)
OFF (thermal sensor disabled)
SLEEP (VMID enabled, thermal sensor anabled)
No Clocks
No Clocks
Notes:
1.
All figures are quoted at TA = +25ºC
2.
All figures are quoted as quiescent current unless otherwise stated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com