Electronic Components Datasheet Search
  English  ▼

X  

WM8953 Datasheet(PDF) 7 Page - Wolfson Microelectronics plc

Part # WM8953
Description  Low Power Stereo ADC with PLL and TDM Interface
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8953 Datasheet(HTML) 7 Page - Wolfson Microelectronics plc

Back Button WM8953 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8953 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8953 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8953 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8953 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8953 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8953 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8953 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8953 Datasheet HTML 11Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 100 page
background image
Production Data
WM8953
w
PD, January 2009, Rev 4.0
7
THERMAL PERFORMANCE
Thermal analysis should be performed in the intended application to prevent the WM8953 from
exceeding maximum junction temperature. Several contributing factors affect thermal performance
most notably the physical properties of the mechanical enclosure, location of the device on the PCB
in relation to surrounding components and the number of PCB layers. Connecting the GND balls
through thermal vias and into a large ground plane will aid heat extraction.
Three main heat transfer paths exist to surrounding air as illustrated below in Figure 1:
-
Package top to air (radiation).
-
Package bottom to PCB (radiation).
-
Package balls to PCB (conduction).
Figure 1 Heat Transfer Paths
The temperature rise TR is given by TR = PD * ӨJA
-
PD is the power dissipated in the device.
-
ӨJA is the thermal resistance from the junction of the die to the ambient temperature
and is therefore a measure of heat transfer from the die to surrounding air. ӨJA is
determined with reference to JEDEC standard JESD51-9.
The junction temperature TJ is given by TJ = TA +TR, where TA is the ambient temperature.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Operating temperature range
TA
-40
85
°C
Operating junction temperature
TJ
-40
100
°C
Thermal Resistance
ӨJA
43
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com