Electronic Components Datasheet Search
  English  ▼

X  

UX10C30C01 Datasheet(PDF) 21 Page - Honeywell Solid State Electronics Center

Part # UX10C30C01
Description  Basic Switches
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

UX10C30C01 Datasheet(HTML) 21 Page - Honeywell Solid State Electronics Center

Back Button UX10C30C01 Datasheet HTML 17Page - Honeywell Solid State Electronics Center UX10C30C01 Datasheet HTML 18Page - Honeywell Solid State Electronics Center UX10C30C01 Datasheet HTML 19Page - Honeywell Solid State Electronics Center UX10C30C01 Datasheet HTML 20Page - Honeywell Solid State Electronics Center UX10C30C01 Datasheet HTML 21Page - Honeywell Solid State Electronics Center UX10C30C01 Datasheet HTML 22Page - Honeywell Solid State Electronics Center UX10C30C01 Datasheet HTML 23Page - Honeywell Solid State Electronics Center UX10C30C01 Datasheet HTML 24Page - Honeywell Solid State Electronics Center UX10C30C01 Datasheet HTML 25Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 94 page
background image
Basic Switches
SX Series
Subminiature
For application help: call 1-800-537-6945.
Honeywell Sensing and Control
21
CUT-A-WAY 1SX SUBMINIATURE BASIC SWITCH
AVAILABLE TERMINALS
SX switches are available with several
types of terminations. The T and T2 termi-
nals provide easy solder lead wire attach-
ment. The H58 terminal offers the simplic-
ity of quick-connect and mate with AMP
.058-inch receptacles. Pin terminals allow
easy attachment to printed circuit boards.
GENERAL INFORMATION
SX subminiature basic switches are small
size precision snap-action switches from
MICRO SWITCH. These switches are ide-
al where savings in space and weight are
important. Unless otherwise noted, all
listings have silver contacts.
FEATURES
Low operating force to 3 oz. (85 grams)
maximum
Sensitive differential travel as low as
.001 inch maximum
Power load switching capability up to 7
amperes—silver contacts
Optional gold contacts for low energy
applications
Optional bifurcated gold contacts for
maximum reliability
Long mechanical life up to 10,000,000
cycles—95% survival for 11SX series
1,000,000 cycles—95% survival for 1SX
series
Temperature
tolerance
−65°
to
+250°F(−54 to 121°C) on standard
construction
High temperature designs for up to
+400°F (204°C) for 100 hours
Variety
of
integral
and
auxiliary
actuators
Choice of several terminal styles
MIL-S-8805
qualified
products
available
UL recognized File #E12252, CSA cer-
tified file # LR41372
TT2
H391, H392
H58
STRAIGHT PIN
90
° FORMED PIN
Mate with Amp Inc. Part No.
640024-1 Std.
Mounting torque Round
head 2-56 UNC 438
screws—
2 inch pounds max.
Dimensions shown are for reference only
This section covers only 40 of our most popular SX Series catalog listings. If you don’t find what you’re looking for, it’s
likely one of the approximately 200 other active SX listings will meet your needs. Contact the 800 number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com