Electronic Components Datasheet Search
  English  ▼

X  

UX10C30C01 Datasheet(PDF) 6 Page - Honeywell Solid State Electronics Center

Part # UX10C30C01
Description  Basic Switches
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

UX10C30C01 Datasheet(HTML) 6 Page - Honeywell Solid State Electronics Center

Back Button UX10C30C01 Datasheet HTML 2Page - Honeywell Solid State Electronics Center UX10C30C01 Datasheet HTML 3Page - Honeywell Solid State Electronics Center UX10C30C01 Datasheet HTML 4Page - Honeywell Solid State Electronics Center UX10C30C01 Datasheet HTML 5Page - Honeywell Solid State Electronics Center UX10C30C01 Datasheet HTML 6Page - Honeywell Solid State Electronics Center UX10C30C01 Datasheet HTML 7Page - Honeywell Solid State Electronics Center UX10C30C01 Datasheet HTML 8Page - Honeywell Solid State Electronics Center UX10C30C01 Datasheet HTML 9Page - Honeywell Solid State Electronics Center UX10C30C01 Datasheet HTML 10Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 94 page
background image
Basic Switches
B Type Switches Performance Information
96
Honeywell Sensing and Control
For application help: call 1-800-537-6945.
ELECTRICAL DATA CHART
Amperes
Inrush
Motor
Lamp
Inductive2
N.C.
N.O.
N.C.
N.O.
N.C.
N.O.
Sea
50,000
Catalog
Listing
(contact
gap)
Voltage
Current
Carrying
Capacity
Max.1
Resistive Ckt.
Ckt.
Ckt.
Ckt.
Ckt.
Ckt.
Level
Feet
VDC
BZ-3YT*
8
5
10
30
15
5
2.5
3
1.5
10
10
.036 in.
14
5
10
30
15
5
2.5
3
1.5
10
10
0,91 mm
30
5
10
30
15
5
2.5
3
1.5
10
5
125
5110
10
22110.6
0.4
250
5
0.6
6
6
1.2
1.2
0.6
0.6
0.4
0.3
VAC
BZ-3YT*
120
5
5
30
15
5
2.5
3
1.5
5
5
.036 in.
240
5
5
30
15
5
2.5
3
1.5
5
5
0,91 mm
277
5
5
30
15
5
2.5
3
1.5
5
5
VDC
BM-2R
8
22
15
30
15
5
2.5
3
1.5
8
7
.020 in.
14
22
15
30
15
5
2.5
3
1.5
5
5
0,50 mm
30
22
2
30
15
5
2.5
3
1.5
1
1
125
22
0.4
4
4
0.8
0.4
0.4
0.4
.03
.02
230
22
0.2
2
2
0.4
0.2
0.2
0.2
.02
.01
VAC
BM-2R
125
22
22
35
20
5.8
3.4
3.5
2.0
22
22
.020 in.
250
22
22
35
20
5.8
3.4
3.5
2.0
22
22
0,50 mm
277
22
22
35
20
5.8
3.4
3.5
2.0
22
22
460
22
22
35
20
5.8
3.4
3.5
2.0
22
22
VDC
BA-2R
8
20
20
30
15
5
2.5
3
1.5
15
15
.020 in.
14
20
20
30
15
5
2.5
3
1.5
10
8
0,50 mm
30
20
5
30
15
5
2.5
3
1.5
5
2
125
20
0.5
4
4
0.8
0.4
0.4
0.4
.05
.03
230
20
0.25
2
2
0.4
0.2
0.2
0.2
.03
.02
VAC
BA-2R
120
20
20
75
75
12.5
12.5
7.5
7.5
20
20
.020 in.
240
20
20
75
75
12.5
12.5
7.5
7.5
20
20
0,50 mm
277
20
20
75
75
12.5
12.5
7.5
7.5
20
20
460
20
20
75
75
12.5
12.5
7.5
7.5
20
20
VDC
BE-2R
8
25
25
30
15
5
2.5
3
1.5
15
15
.020 in.
14
25
25
30
15
5
2.5
3
1.5
10
8
0,50 mm
30
25
5
30
15
5
2.5
3
1.5
5
2
125
25
0.5
4
4
0.8
0.8
0.4
0.4
.05
.03
250
25
0.25
2
2
0.4
0.4
0.2
0.2
.03
.02
VAC
BE-2R
120
25
25
96
96
16
16
10
10
25
.020 in.
240
25
25
96
96
16
16
10
10
25
0,50 mm
277
25
25
96
96
16
16
10
10
25
460
25
25
96
96
16
16
10
10
25
VAC
BZ-R
125
15
15
30
15
5
2.5
3
1.5
15
15
.006 in.
250
15
15
30
15
5
2.5
3
1.5
15
15
0,15 mm
277
15
15
30
15
5
2.5
3
1.5
15
15
VDC
BZ-1R
8
15
15
30
15
5
2.5
3
1.5
8
7
.010 in.
14
15
15
30
15
5
2.5
3
1.5
5
5
0,25 mm
30
15
2
30
15
5
2.5
3
1.5
1
1
125
15
0.4
4
4
0.8
0.8
0.4
0.4
0.03
0.01
230
15
0.2
2
2
0.4
0.4
0.2
0.2
0.02
0.01
VAC
BZ-1R
125
15
15
30
15
5
2.5
3
1.5
15
15
.010 in.
250
15
15
30
15
5
2.5
3
1.5
15
15
0,25 mm
277
15
15
30
15
5
2.5
3
1.5
15
15
460
15
15
30
15
5
2.5
3
1.5
15
15
* Ampere levels for BZ-3YT applicable only if common terminal is not used and switch is used as a shorting bar switch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com