Electronic Components Datasheet Search
  English  ▼

X  

UX10C30C01 Datasheet(PDF) 1 Page - Honeywell Solid State Electronics Center

Part # UX10C30C01
Description  Basic Switches
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

UX10C30C01 Datasheet(HTML) 1 Page - Honeywell Solid State Electronics Center

  UX10C30C01 Datasheet HTML 1Page - Honeywell Solid State Electronics Center UX10C30C01 Datasheet HTML 2Page - Honeywell Solid State Electronics Center UX10C30C01 Datasheet HTML 3Page - Honeywell Solid State Electronics Center UX10C30C01 Datasheet HTML 4Page - Honeywell Solid State Electronics Center UX10C30C01 Datasheet HTML 5Page - Honeywell Solid State Electronics Center UX10C30C01 Datasheet HTML 6Page - Honeywell Solid State Electronics Center UX10C30C01 Datasheet HTML 7Page - Honeywell Solid State Electronics Center UX10C30C01 Datasheet HTML 8Page - Honeywell Solid State Electronics Center UX10C30C01 Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 94 page
background image
Basic Switches
For application help: call 1-800-537-6945.
Honeywell Sensing and Control
1
Door Switches
Standard Basic Switches
Sealed/High Temperature Switches
Miniature/Subminiature Switches
SUBMINIATURE/MINIATURE BASIC SWITCHES
The U Series of subminiature basic switches are our newest line. The US is the
smallest snap-action switch available. The UX and UM are versatile, low cost,
full featured products with ample electrical capacity in a compact package.
SM subminiature basic switches are a versatile collection of small size and
ample electrical capacities, including 11 amp power load handling and 1⁄4 hp
motor load. SX subminiature basic switches are smaller than SM switches,
yet are big in performance and selection. They provide up to 7 amp power
load capacity. V3 miniature basic switches put a 25 amp power load capacity
and a choice of 11 other electrical ratings into a relatively small package with
many choices of actuators, contact materials, and terminal designs. V7 minia-
ture basic switches have electrical ratings up to 15 amps. Both commercial
and European versions are UL recognized and CSA certified. The latter is also
designed to meet all leading European approval agency requirements. TB
miniature basic small double-break units can control 2, 3 or 4 isolated circuits.
STANDARD BASIC SWITCHES
Power load switching and motor handling capacity are among the attractions
of thumb-size BZ/BA standard basic switches. Double-pole double-throw
switching is added by DT switches. Where there’s a need for reliable switch-
ing of high capacity systems involving DC motors and solenoids, MT magnet-
ic blow-out switches do the job. The 3MN has double-break switching. 6AS
assemblies have two tandem mounted standard basic switches under a com-
mon actuator.
SEALED AND HIGH TEMPERATURE BASIC SWITCHES
Specially adapted basic switches include: SE/XE environment-proof switch-
es which protect subminiature SM/SX basic switches within a sealed hous-
ing; HM hermetically sealed switches are interchangeable in operating point
with the SM switches; HS hermetically sealed switches which parallel the size
and mounting scheme of the standard basic switches; and HT high temper-
ature switches for use up to
+1000°F.
DOOR SWITCHES
AC, WW and DM switches automatically cut power when a service door or
drawer is opened.
Typical Applications .......................p. 2
Index by Product Type .....................p. 3
Selection Guides......................p. 4 to 7
Catalog Listings/Order Guides .........p. 8 to 93
Reference Data ..........................p. 94
Catalog Listing/Page Number Index .......p. 102


Similar Part No. - UX10C30C01

ManufacturerPart #DatasheetDescription
logo
Mechatronics, Inc.
UX12AC MECHATRONICS-UX12AC Datasheet
381Kb / 1P
AC AXIAL FANS
UX12AC12-XH-7 MECHATRONICS-UX12AC12-XH-7 Datasheet
381Kb / 1P
AC AXIAL FANS
logo
List of Unclassifed Man...
UX12AC12-_H-7 ETC2-UX12AC12-_H-7 Datasheet
347Kb / 1P
AC AXIAL FANS
logo
Mechatronics, Inc.
UX12AC23-XH-7 MECHATRONICS-UX12AC23-XH-7 Datasheet
381Kb / 1P
AC AXIAL FANS
logo
List of Unclassifed Man...
UX12AC23-_H-7 ETC2-UX12AC23-_H-7 Datasheet
347Kb / 1P
AC AXIAL FANS
More results

Similar Description - UX10C30C01

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
3SX1-T HONEYWELL-3SX1-T Datasheet
356Kb / 7P
MICRO SWITCH??Basic Switches Line Guide
logo
Honeywell Accelerometer...
23SX39-T HONEYWELL-ACC-23SX39-T Datasheet
328Kb / 6P
Basic Switches Subminiature
311SM6 HONEYWELL-ACC-311SM6 Datasheet
375Kb / 7P
Basic Switches Subminiature
BZ-2RD-T4-J HONEYWELL-ACC-BZ-2RD-T4-J Datasheet
810Kb / 16P
Basic Switches Standard
ZM10B70E01 HONEYWELL-ACC-ZM10B70E01 Datasheet
356Kb / 7P
MICRO SWITCH Basic Switches Line Guide
logo
Honeywell Solid State E...
V7-SERIES HONEYWELL-V7-SERIES Datasheet
700Kb / 11P
MICRO SWITCH Premium Miniature Basic Switches
ZW50F90DW1 HONEYWELL-ZW50F90DW1 Datasheet
2Mb / 9P
MICRO SWITCH??Sealed Subminiature Basic Switches
logo
OTTO Engineering, Inc
MS24547-1 OTTO-MS24547-1 Datasheet
841Kb / 3P
SUBMINIATURE BASIC SWITCHES
logo
Honeywell Solid State E...
V15S05 HONEYWELL-V15S05 Datasheet
1Mb / 13P
MICRO SWITCH Standard Miniature Basic Switches
06/20
HS-SERIES HONEYWELL-HS-SERIES Datasheet
609Kb / 6P
Hermetically Sealed Premium Large Basic Switches
July 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com