Electronic Components Datasheet Search
  English  ▼

X  

ACE714C Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE714C
Description  Max. 3MHz, Variable Frequency Step-up DC/DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE714C Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE714C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE714C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE714C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE714C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE714C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE714C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE714C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE714C Datasheet HTML 8Page - ACE Technology Co., LTD. ACE714C Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ACE714C
Max. 3MHz, Variable Frequency Step-up DC/DC Converter
VER 1.2
2
Absolute Maximum Ratings
Parameter
Max
Input voltage
-0.3 to 8
CE Pin Voltage
-0.3 to (Vin+0.3V)
Lx Pin Output Current
1.8A
Lx Pin Voltage
19.4V
Operating Junction Temperature (TJ)
125℃
Ambient Temperature (TA)
-40℃ to 85℃
Power Dissipation SOT-23-6
400mW
Storage Temperature (Ts)
-40℃ to 150℃
Packaging Type
SOT-23-6
6
5
4
1
2
3
Ordering Information
ACE714C XX + H
SOT-23-6
Description
Function
1
LX
Switching Pin
2
GND
Ground Pin
3
FB
Pin for Feedback Voltage
4
CE
Chip Enable Pin (Active with
“H”), connect to VIN if not used
5
OVP
Over Voltage Protection
6
VIN
Power Supply Pin
Halogen - free
GM : SOT-23-6
Pb - free



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com