Electronic Components Datasheet Search
  English  ▼

X  

ACE714C Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE714C
Description  Max. 3MHz, Variable Frequency Step-up DC/DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE714C Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE714C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE714C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE714C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE714C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE714C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE714C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE714C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE714C Datasheet HTML 8Page - ACE Technology Co., LTD. ACE714C Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
ACE714C
Max. 3MHz, Variable Frequency Step-up DC/DC Converter
VER 1.2
1
Description
The ACE714C veriable frequency step-up Converter drives white LEDs with a constant current to
provide backlight in cell phones, PDAs, and other handheld devices. It features allowing series
connection of the white LEDs so that the LED currents are identical for uniform brightness. An enable
input can be pulsed repeatedly to adjust LEDs brightness. The fast 3MHz operation frequency allows for
smaller capacitor and inductor. Fault condition protection uses cycle-by cycle current limiting to sense
maximum inductor current and over-voltage protection. The 0.2V low reference voltage minimized the
power loss across the current sense resistor.
The converter can operate from 2V to 6V, and capable of delivering maximum 250mA output current at
4-LEDs application with 3V input voltage is as low as 120uA. All of these features make ACE714C be
suitable for the portable devices, which are supplied by a single battery.
Features
Up to 19V Output Voltage
Wide Operation Range: 2V to 6V
Maximum 3MHz Operating Frequency
PWM Dimming Control
Shutdown Current <1uA
Current Limit Cycle-by-Cycle
Low Current Sense Threshold: 200mV
19V Over Output Voltage Protection
Application
Compact Back Light Module
Power Source for LED
Constant Current Source
Typical Application
L1
D1
Vin
10uH
SS14
LED 1
LED 17
LED2
LED 18
+
Cin
+
Cout
4.7uF
4.7uF
LED 3
LED 19
ON
Vin
LX
OFF
ACE714C OVP
LED 4
LED 20
CE
FB
GND
R1
R5
Figure 1. ACE714C Typical Application Circuit


Similar Part No. - ACE714C

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE714 ACE-ACE714 Datasheet
172Kb / 8P
High Efficiency Low Noise PFM Step-up DC/DC Converter
VER 1.2
ACE714B ACE-ACE714B Datasheet
522Kb / 5P
Step-up DC/DC Converter Backlight Driver
VER 1.2
ACE714GM+H ACE-ACE714GM+H Datasheet
172Kb / 8P
High Efficiency Low Noise PFM Step-up DC/DC Converter
VER 1.2
ACE714GM+H ACE-ACE714GM+H Datasheet
428Kb / 9P
High Efficiency Low Noise PFM Step-up DC/DC Converter
VER 1.3
ACE714 ACE-ACE714_12 Datasheet
428Kb / 9P
High Efficiency Low Noise PFM Step-up DC/DC Converter
VER 1.3
More results

Similar Description - ACE714C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1306 LINER-LT1306 Datasheet
213Kb / 16P
Synchronous, Fixed Frequency Step-Up DC/DC Converter
logo
Analog Devices
ADP2102 AD-ADP2102 Datasheet
230Kb / 7P
600mA 3MHz Synchronous Step-Down DC-DC Converter
logo
Linear Technology
LTC3422 LINER-LTC3422 Datasheet
259Kb / 16P
1.5A, 3MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
logo
SHANGHAI BELLING CO., L...
BL8545 BELLING-BL8545 Datasheet
205Kb / 6P
Max. 3MHz, Variable Frequency Step-up DC/DC Converter
logo
Power Analog Micoelectr...
PAM2304 PAM-PAM2304 Datasheet
338Kb / 14P
3MHz, 1A Step-Down DC-DC Converter
logo
ACE Technology Co., LTD...
ACE716E ACE-ACE716E Datasheet
582Kb / 10P
Max 38V, Variable Frequency Step-up DC/DC Converter
VER 1.2
logo
Linear Technology
LT1306 LINER-LT1306_15 Datasheet
219Kb / 16P
Synchronous, Fixed Frequency Step-Up DC/DC Converter
LTC3422 LINER-LTC3422_15 Datasheet
269Kb / 16P
1.5A, 3MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
logo
SHANGHAI BELLING CO., L...
BL8548 BELLING-BL8548 Datasheet
415Kb / 6P
Max. 3MHz, Variable Frequency Step-up DC-DC Converter
logo
Diodes Incorporated
PAM2304 DIODES-PAM2304 Datasheet
449Kb / 12P
3MHz, 1A STEP-DOWN DC-DC CONVERTER
Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com