Electronic Components Datasheet Search
  English  ▼

X  

ACE714C Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE714C
Description  Max. 3MHz, Variable Frequency Step-up DC/DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE714C Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE714C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE714C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE714C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE714C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE714C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE714C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE714C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE714C Datasheet HTML 8Page - ACE Technology Co., LTD. ACE714C Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ACE714C
Max. 3MHz, Variable Frequency Step-up DC/DC Converter
VER 1.2
3
Block Diagram
Electrical Characteristics
(TA=25℃, VIN=3V, VCE=3V, unless otherwise noted)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Operating Input Voltage
VIN
2
6
V
Feedback Voltage
VFB
0.19
0.20
0.21
V
FB Pin Bias Current
IFB
10
45
100
nA
Quiescent Current
IQ
VFB=0.3V
93
120
uA
VCE=0V
0.4
1.0
Maximum switching Frequency
FMAX
VFB=0V, Floating OVP Pin
3
MHz
Switching Current Limit
ILIMIT
1.8
A
Switch Saturation Voltage
VCESAT
ILX=300mA
260
mV
Switching pin Leak Current
ILX
VLX=5V
0.11
uA
CE Voltage High
VCEH
VCE=0 to 3V
1.5
V
CE Voltage Low
VCEL
VCE=3 to 0V
0.4
V
CE Pin Bias Current
ICE
VIN=VCE=3V
18
uA
Over Voltage Protection
VOVP
19
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com