Electronic Components Datasheet Search
  English  ▼

X  

ACE4703 Datasheet(PDF) 6 Page - ACE Technology Co., LTD.

Part # ACE4703
Description  Fully 5A, 3cell Standalone Li-ion Battery Charger
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4703 Datasheet(HTML) 6 Page - ACE Technology Co., LTD.

Back Button ACE4703 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE4703 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE4703 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE4703 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE4703 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE4703 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE4703 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE4703 Datasheet HTML 9Page - ACE Technology Co., LTD. ACE4703 Datasheet HTML 10Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
ACE4703
Fully 5A, 3cell Standalone Li-ion Battery Charger
VER 1.2
6
An overvoltage comparator guards against voltage transient overshoots (>8% of regulation voltage). In
this case, P-channel MOSFET are turned off until the overvoltage condition is cleared. This feature is
useful for battery load dump or sudden removal of battery.
The charging profile is shown in Figure 2.
Figure 2 The Charging Profile
Application Information
Undervoltage Lockout (UVLO)
An undervoltage lockout circuit monitors the input voltage and keeps the charger off if VCC falls below
6V(Typical).
Trickle Charge Mode
At the beginning of a charge cycle, if the battery voltage is below 8.4V, the charger goes into trickle
charge mode with the charge current reduced to 15% of the full-scale current.
Charge Current Setting
The full-scale charge current, namely the charge current in constant current mode, is decided by the
following formula:
ICH=200 mV / Rcs
Where:
ICH is the full scale charge current
RCS is the resistor between the CSP pin and BAT pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com