Electronic Components Datasheet Search
  English  ▼

X  

ACE4703 Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE4703
Description  Fully 5A, 3cell Standalone Li-ion Battery Charger
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4703 Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE4703 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE4703 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE4703 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE4703 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE4703 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE4703 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE4703 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE4703 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE4703 Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
ACE4703
Fully 5A, 3cell Standalone Li-ion Battery Charger
VER 1.2
1
Description
The ACE4703 is a PWM switch-mode lithium ion battery charger controller for 3 cell li-ion battery in a
small package using few external components.
The ACE4703 is specially designed for charging lithium ion batteries with constant current and constant
voltage mode. In constant voltage mode, the regulation voltage is fixed at 12.6V with ±1% accuracy. The
constant charging current is programmable with a single sense resistor.
Deeply discharged batteries are automatically trickle charged at 15% of the programmed constant
charging current until the cell voltage exceeds 8.4V. The charge cycle is terminated once the charging
current drops to a level set by an on-chip resistor and an external resistor, and a new charge cycle
automatically restarts if the battery voltage falls below 12V. ACE4703 will automatically enter sleep mode
when input voltage is lower than battery voltage.
Other features include undervoltage lockout, battery temperature monitoring and status indication, etc.
Features
Wide Input Voltage: 7.5V to 28V
Complete Charger Controller for 3 cell Lithium-ion Battery
Charge Current Up to 5A
High PWM Switching Frequency: 300KHz
Constant Charging Voltage Accuracy: ±1%
Charging Current is programmed with a sense resistor
Automatic Conditioning of Deeply Discharged Batteries
End-of-Charge Current can be set by an external resistor
Battery Temperature Monitoring
Automatic Recharge
Charger Status Indication
Soft Start
Battery Overvoltage Protection
Application
Notebook Computers, Model Plane
Battery-Backup Systems, Portable Industrial and Medical Equipment
Standalone Battery Chargers
Absolute Maximum Ratings
Parameter
Max
Unit
Voltage from VCC, VG, DRV, CHRG, DONE to GND
-0.3 ~ 30
V
Voltage from CSP, BAT to GND
-0.3 ~ 28
V
Voltage from COM3 to GND
6.5
V
Voltage from Other Pins to GND
-0.3 ~ VCOM3+0.3
μA
Storage Temperature
-65 ~ 150
℃
Operating Ambient Temperature
-40 ~ 85
℃
Lead Temperature (Soldering, 10 seconds)
300
℃


Similar Part No. - ACE4703

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE4702 ACE-ACE4702 Datasheet
353Kb / 15P
2 Cell Li-ion Battery Charger IC
VER 1.1
ACE4704 ACE-ACE4704 Datasheet
889Kb / 15P
Fully 5A, 4cell Standalone Li-ion Battery Charger
VER 1.2
More results

Similar Description - ACE4703

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE4704 ACE-ACE4704 Datasheet
889Kb / 15P
Fully 5A, 4cell Standalone Li-ion Battery Charger
VER 1.2
logo
Linear Technology
LTC4065A LINER-LTC4065A_15 Datasheet
225Kb / 16P
Standalone 750mA Li-Ion Battery Charger
LTC4065 LINER-LTC4065_15 Datasheet
225Kb / 16P
Standalone 750mA Li-Ion Battery Charger
LTC4065-4.4 LINER-LTC4065-4.4_15 Datasheet
189Kb / 16P
Standalone 750mA Li-Ion Battery Charger
LTC4065L LINER-LTC4065L_15 Datasheet
200Kb / 18P
Standalone 250mA Li-Ion Battery Charger
logo
Shanghai Consonance Ele...
CN3702 CONSONANCE-CN3702 Datasheet
239Kb / 11P
Standalone Li-ion Battery Charger
CN3703 CONSONANCE-CN3703 Datasheet
238Kb / 11P
Standalone Li-ion Battery Charger
CN3704 CONSONANCE-CN3704 Datasheet
238Kb / 11P
Standalone Li-ion Battery Charger
CN3761 CONSONANCE-CN3761 Datasheet
213Kb / 11P
Standalone Li-ion Battery Charger
CN3781 CONSONANCE-CN3781 Datasheet
212Kb / 11P
Standalone Li-ion Battery Charger IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com