Electronic Components Datasheet Search
  English  ▼

X  

ACE4703 Datasheet(PDF) 11 Page - ACE Technology Co., LTD.

Part # ACE4703
Description  Fully 5A, 3cell Standalone Li-ion Battery Charger
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4703 Datasheet(HTML) 11 Page - ACE Technology Co., LTD.

Back Button ACE4703 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE4703 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE4703 Datasheet HTML 9Page - ACE Technology Co., LTD. ACE4703 Datasheet HTML 10Page - ACE Technology Co., LTD. ACE4703 Datasheet HTML 11Page - ACE Technology Co., LTD. ACE4703 Datasheet HTML 12Page - ACE Technology Co., LTD. ACE4703 Datasheet HTML 13Page - ACE Technology Co., LTD. ACE4703 Datasheet HTML 14Page - ACE Technology Co., LTD. ACE4703 Datasheet HTML 15Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
ACE4703
Fully 5A, 3cell Standalone Li-ion Battery Charger
VER 1.2
11
Where:
Pd is the power dissipation of the power MOSFET
VBAT is the maximum battery voltage
VCC is the minimum input voltage
Rds(on) is the power MOSFET’s on resistance at room temperature
ICH is the charge current
dT is the temperature difference between actual ambient temperature and room temperature(25℃)
In addition to the I
2Rds(on) loss, the power MOSFET still has transition loss, which are highest at the
highest input voltage. Generally speaking, for VIN<20V, the I
2Rds(on) loss may be dominant, so the
MOSFET with lower Rds(on) should be selected for better efficiency; for VIN>20V, the transition loss
may be dominant, so the MOSFET with lower CRSS can provide better efficiency. CRSS is usually specified
in the MOSFET characteristics; if not, then CRSS can be calculated using CRSS = QGD/ΔVDS.
The MOSFETs such as AO4459, STM9435(or WT9435), AO3407A can be used. The part numbers
listed above are for reference only, the users can select the right MOSFET based on their requirements.
Diode Selection
The diodes D1 and D2 in Figure 1 are schottky diode, the current rating of the diodes should be at least
the charge current limit, the voltage rating of the diode should exceed the maximum expected input
voltage. The diode that is much larger than that is sufficient can result in larger transition losses due to
their larger junction capacitance.
Disable Charging with TEMP Pin
The charging can be disabled with TEMP pin, as shown in Figure 3:
ACE4703
Note: M1 is N-Channel MOSFET
Figure 3
Disable Charging With TEMP Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com