Electronic Components Datasheet Search
  English  ▼

X  

ACEDW01 Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACEDW01
Description  One Cell Lithium-ion/Polymer Battery Protection IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACEDW01 Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACEDW01 Datasheet HTML 1Page - ACE Technology Co., LTD. ACEDW01 Datasheet HTML 2Page - ACE Technology Co., LTD. ACEDW01 Datasheet HTML 3Page - ACE Technology Co., LTD. ACEDW01 Datasheet HTML 4Page - ACE Technology Co., LTD. ACEDW01 Datasheet HTML 5Page - ACE Technology Co., LTD. ACEDW01 Datasheet HTML 6Page - ACE Technology Co., LTD. ACEDW01 Datasheet HTML 7Page - ACE Technology Co., LTD. ACEDW01 Datasheet HTML 8Page - ACE Technology Co., LTD. ACEDW01 Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
ACEDW01
One Cell Lithium-ion/Polymer Battery Protection IC
VER 1.2
3
Ordering Information
ACEDW01XX +
H
Model list
Over charge
detection
voltage
Over
charge
release
voltage
Over discharge
detection
voltage
Over
discharge
release
voltage
OV battery
charge
function
Other function
VOCP
VOCR
VODP
VODR
V0V
-
4.30V
4.10V
2.40V
3.00V
Available
Auto overdischarge
recovery function
Function
Normal Status
This IC monitors the voltage of the battery connected between the VCC pin and GND pin and the voltage
difference between the CS pin and GND pin to control charging and discharging.
When the battery voltage is in the range from overdischarge detection voltage (VODP) to overcharge
detection voltage (VOCP), and the CS pin voltage is in the range from the charger detection voltage (VCH)
to discharge overcurrent detection voltage (VOI1), the IC turns both the charging and discharging control
MOSFET on. This condition is called the normal status.
Under this condition, charging and discharging can both be carried out freely.
Caution: Discharging may not be enacted when the battery is first time connected. To regain normal
status, CS and GND pin must be shorted or the charger must be connected.
Overcharge Protection
When the voltage of the battery cell exceeds the overcharge protection voltage (VOCP) beyond the
overcharge delay time (TOC) period, charging is inhibited by turning off of the charge control MOSFET.
The overcharge condition is released in two cases:
1. The voltage of the battery cell becomes lower than the overcharge release voltage (VOCR) through
self-discharge.
2. The voltage of the battery cell falls below the overcharge protection voltage (VOCP) and a load is
connected.
When the battery voltage is above VOCP, the overcharge condition will not release even a load is
connected to the pack.
Halogen - free
GM : SOT-23-6
Pb - free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com