Electronic Components Datasheet Search
  English  ▼

X  

ACEDW01 Datasheet(PDF) 5 Page - ACE Technology Co., LTD.

Part # ACEDW01
Description  One Cell Lithium-ion/Polymer Battery Protection IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACEDW01 Datasheet(HTML) 5 Page - ACE Technology Co., LTD.

  ACEDW01 Datasheet HTML 1Page - ACE Technology Co., LTD. ACEDW01 Datasheet HTML 2Page - ACE Technology Co., LTD. ACEDW01 Datasheet HTML 3Page - ACE Technology Co., LTD. ACEDW01 Datasheet HTML 4Page - ACE Technology Co., LTD. ACEDW01 Datasheet HTML 5Page - ACE Technology Co., LTD. ACEDW01 Datasheet HTML 6Page - ACE Technology Co., LTD. ACEDW01 Datasheet HTML 7Page - ACE Technology Co., LTD. ACEDW01 Datasheet HTML 8Page - ACE Technology Co., LTD. ACEDW01 Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
ACEDW01
One Cell Lithium-ion/Polymer Battery Protection IC
VER 1.2
5
Charge Overcurrent Status
When a battery is in the normal status, the voltage of the CS pin is lower than the charge overcurrent
detection voltage (VCIP). When the charge current is higher than the specified value and the status lasts
beyond the charge overcurrent detection delay time (TCIP), the charge control MOSFET will be turned off
and charging is stopped. This status is called the charge overcurrent status.
This IC will be restored to the normal status from the charge overcurrent status when the voltage at the
CS pin returns to charge overcurrent detection voltage (VCIP) or higher by removing the charger.
0V Battery Charging Function “Available”
This function is used to recharge a connected battery which voltage is 0V due to self-discharge. When
the 0V battery charge starting charger voltage (V0V) or a higher voltage is applied between the battery+
(BATT+) and battery- (BATT-) pins by connecting a charger, the charging control MOSFET gate is fixed to
the VCC pin voltage. When the voltage between the gate and the source of the charging control MOSFET
becomes equal to or higher than the turn on voltage due to the charger voltage, the charging control
MOSFET is turned on to initiate charging. At this time, the discharging control MOSFET is off and the
charging current flows through the internal parasitic diode In the discharging control MOSFET. When the
battery voltage becomes equal to or higher than overdischarge detection voltage (VODP), the ACEDW01
series will enter into the normal status.
Caution
A. Some battery providers do not recommend charging for a completely self-discharged battery. Please
ask the battery provider to determine whether to enable or prohibit the 0V battery charging function.
B. The 0V battery charge function has higher priority than the charge overcurrent detection function.
Consequently, a product in which use of the 0V battery charging function is enabled to forcibly
charge a battery and the charge current cannot be detected when the battery voltage is lower than
overdischarge detection voltage (VODP).
0V Battery Charging Function “Unavailable”
When a battery that is internally short-circuited (0V battery) is connected, the unavailable 0V charging
function will prohibit recharging. When the battery voltage equals to the 0V battery charge inhibition
battery voltage (V0IN) or lower, the charging control MOSFET gate is fixed to the BATT- pin voltage to
prohibit charging. When the battery voltage equals to the 0V battery charge inhibition battery voltage
(V0IN) or higher, charging can be implemented.
Caution
A. Some battery providers do not recommend charging for a completely self-discharged battery. Please
ask the battery provider to determine whether to enable or prohibit the 0V battery charging function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com