Electronic Components Datasheet Search
  English  ▼

X  

ACEDW01 Datasheet(PDF) 12 Page - ACE Technology Co., LTD.

Part # ACEDW01
Description  One Cell Lithium-ion/Polymer Battery Protection IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACEDW01 Datasheet(HTML) 12 Page - ACE Technology Co., LTD.

Back Button ACEDW01 Datasheet HTML 8Page - ACE Technology Co., LTD. ACEDW01 Datasheet HTML 9Page - ACE Technology Co., LTD. ACEDW01 Datasheet HTML 10Page - ACE Technology Co., LTD. ACEDW01 Datasheet HTML 11Page - ACE Technology Co., LTD. ACEDW01 Datasheet HTML 12Page - ACE Technology Co., LTD. ACEDW01 Datasheet HTML 13Page - ACE Technology Co., LTD. ACEDW01 Datasheet HTML 14Page - ACE Technology Co., LTD. ACEDW01 Datasheet HTML 15Page - ACE Technology Co., LTD. ACEDW01 Datasheet HTML 16Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
ACEDW01
One Cell Lithium-ion/Polymer Battery Protection IC
VER 1.2
12
Typical Application Circuit
ACEDW01
Symbol Device Name
Purpose
Min
Typ
Max
Remark
R1
Resistor
Limit current, stabilize VCC and
Strengthen ESD protection
100Ω
100Ω
100Ω
(1)
R2
Resistor
Limit current
1KΩ
1KΩ
1KΩ
(2)
C1
Capacitor
Stabilize VCC
0.01uF
0.01uF
0.01uF
(3)
M1
N-MOSFET
Discharge control
(4)
M2
N-MOSFET
Charge control
(5)
Note:
1.
R1 should be as small as possible to avoid lowering the overcharge detection accuracy due to current consumption. When a
charger is connected in reversed, the current flows from the charger to the IC. At this time, if R1 is connected to high
resistance, the voltage between VCC pin and VSS pin may exceed the absolute maximum rating.
2.
If R2 has a resistance higher than 2k
Ω, the charging current may not be cut when a high-voltage charger is connected.
Please select as large a resistance as possible to prevent current when a charger is connected in reversed.
3.
C1 will stabilize the supply voltage of VCC,the value of C1 should
be equal to or more than 0.01μF.
4.
If a NMOSFET with a threshold voltage equal to or higher than the overdischarge detection voltage is applied, discharging
may be stopped before overdischarge is detected.
5.
If the withstanding voltage between the gate and source is lower than the charger voltage, the FET may be destroyed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com