Electronic Components Datasheet Search
  English  ▼

X  

MPC932 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MPC932
Description  LOW VOLTAGE PLL CLOCK DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC932 Datasheet(HTML) 4 Page - Motorola, Inc

  MPC932 Datasheet HTML 1Page - Motorola, Inc MPC932 Datasheet HTML 2Page - Motorola, Inc MPC932 Datasheet HTML 3Page - Motorola, Inc MPC932 Datasheet HTML 4Page - Motorola, Inc MPC932 Datasheet HTML 5Page - Motorola, Inc MPC932 Datasheet HTML 6Page - Motorola, Inc MPC932 Datasheet HTML 7Page - Motorola, Inc MPC932 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MPC932
MOTOROLA
TIMING SOLUTIONS
BR1333 — REV 5
4
MPC932 AC CHARACTERISTICS (TA = 0° to 70°C, VCC = 3.3V ±5%)
Symbol
Characteristic
Min
Typ
Max
Unit
Condition
fref
Input Reference Frequency
Note 6.
Note 6.
MHz
tos
Output-to-Output Skew
200
300
ps
Note 4.
fVCO
VCO Lock Range
200
480
MHz
fmax
Maximum Output Frequency
(
÷4)
(
÷5)
(
÷6)
120
96
80
MHz
tpd
Reference to EXT_FB Average Delay
TCLK
PECL_CLK
X – 150
X
X + 150
ps
fref = 50MHz; Note 7.
tpw
Output Duty Cycle (Note 4.)
tCYCLE/2
–750
tCYCLE/2
±500
tCYCLE/2
+750
ps
tr, tf
Output Rise/Fall Time (Note 4.)
0.1
1.0
ns
0.8 to 2.0V
tPLZ, tPHZ
Output Disable Time
2.0
8.0
ns
50
Ω to VCC/2
tPZL
Output Enable Time
2.0
10
ns
50
Ω to VCC/2
tjitter
Cycle–to–Cycle Jitter (Peak–to–Peak)
±100
ps
Note 5.
tlock
Maximum PLL Lock Time
10
ms
4. Measured with 50
Ω to VCC/2 termination.
5. See Applications Info section for more jitter information.
6. Input reference frequency is bounded by VCO lock range and feedback divide selection.
7. tpd measurement uses the averaging feature of the oscilliscope to remove the jitter component.
APPLICATIONS INFORMATION
MPC932
Figure 2. MPC932 Potential Configurations
(Mode = 1)
FBSEL0
‘0’
FBSEL1
‘0’
FB_In
66MHz
Qn
66MHz
QFB
6
1
Input Ref
66MHz
MPC932
FBSEL0
‘1’
FBSEL1
‘0’
FB_In
83MHz
Qn
66MHz
QFB
6
1
Input Ref
66MHz
MPC932
FBSEL0
‘1’
FBSEL1
‘0’
FB_In
75MHz
Qn
60MHz
QFB
6
1
Input Ref
60MHz
MPC932
FBSEL0
‘0’
FBSEL1
‘1’
FB_In
100MHz
Qn
66MHz
QFB
6
1
Input Ref
66MHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com