Electronic Components Datasheet Search
  English  ▼

X  

MPC932 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MPC932
Description  LOW VOLTAGE PLL CLOCK DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC932 Datasheet(HTML) 1 Page - Motorola, Inc

  MPC932 Datasheet HTML 1Page - Motorola, Inc MPC932 Datasheet HTML 2Page - Motorola, Inc MPC932 Datasheet HTML 3Page - Motorola, Inc MPC932 Datasheet HTML 4Page - Motorola, Inc MPC932 Datasheet HTML 5Page - Motorola, Inc MPC932 Datasheet HTML 6Page - Motorola, Inc MPC932 Datasheet HTML 7Page - Motorola, Inc MPC932 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
1
REV 0
© Motorola, Inc. 1996
11/96
Advance Information
Low Voltage PLL Clock Driver
The MPC932 is a 3.3V compatible PLL based clock driver device
targetted for zero delay applications. The device provides 6 outputs for
driving clock loads plus a single dedicated PLL feedback clock output.
The dedicated feedback output gives the user six choices of input
multiplcation factors: x1, x1.25, x1.5, x2, x2.5 and x3.
• 6 Low Skew Clock Outputs
• 1 Dedicated PLL Feedback Output
• Individual Output Enable Control
• Fully Integrated PLL
• Output Frequency Up TO 120MHz
• 32–lead TQFP Packaging
• 3.3V VCC
• ±100ps Cycle–Cycle Jitter
The MPC932 provides individual output enable control. The enables
are synchronized to the internal clock such that upon assertion the shut
down signals will hold the clocks LOW without generating a runt pulse on
the outputs. The shut down pins provide a means of powering down
certain portions of a system or a means of disabling outputs when the full
compliment are not required for a specific design. The shut down pins will
disable the outputs when driven LOW. A common shut down pin is
provided to disable all of the outputs (except the feedback output) with a
single control signal.
Two feedback select pins are provided to select the multiplication factor of the PLL. The MPC932 provides six multiplication
factors: x1, x1.25, x1.5, x2, x2.5 and x3. In the x1.25 and x2.5 modes, the QFB output will not provide a 50% duty cycle. The
phase detector of the MPC932 only monitors rising edges of its feedback signals, thus for this function a 50% duty cycle is not
required. As the QFB signal can also be used to drive other clocks in a system it is important the user understand that the duty
cycle will not be 50%. In the x1 and x1.5 modes the QFB output will produce 50% duty cycle signals.
The MPC932 provides two pins for use in system test and debug operations. The MR/OE input will force all of the outputs into
a high impedance state to allow for back driving the outputs during system test. In addition the PLL_EN pin allows the user to
bypass the PLL and drive the outputs directly through the Ref_CLK input. Note the Ref_CLK signal will be routed through the
dividers so that it will take several transitions on the Ref_CLK input to create a transition on the outputs.
The MPC932 is fully 3.3V compatible and requires no external loop filter components. All of the inputs are LVCMOS/LVTTL
compatible and the outputs produce rail–to–rail 3.3V swings. For series terminated applications each output can drive two series
terminated 50
Ω transmission lines. For parallel terminated lines the device can drive terminations of 50Ω into VCC/2. The device
is packaged in a 32–lead TQFP package to provide the optimum combination of performance, board density and cost.
This document contains information on a new product. Specifications and information herein are subject to
change without notice.
MPC932
LOW VOLTAGE
PLL CLOCK DRIVER
FA SUFFIX
TQFP PACKAGE
CASE 873A-02


Similar Part No. - MPC932

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC930 MOTOROLA-MPC930 Datasheet
162Kb / 14P
LOW VOLTAGE PLL CLOCK DRIVER
MPC931 MOTOROLA-MPC931 Datasheet
162Kb / 14P
LOW VOLTAGE PLL CLOCK DRIVER
MPC9315 MOTOROLA-MPC9315 Datasheet
183Kb / 16P
2.5V and 3.3V CMOS PLL Clock Generator and Driver
logo
Renesas Technology Corp
MPC9315 RENESAS-MPC9315 Datasheet
441Kb / 19P
2.5V and 3.3V CMOS PLL Clock Generator and Driver
October 4, 2016
logo
Motorola, Inc
MPC9315FA MOTOROLA-MPC9315FA Datasheet
183Kb / 16P
2.5V and 3.3V CMOS PLL Clock Generator and Driver
More results

Similar Description - MPC932

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC930 MOTOROLA-MPC930 Datasheet
162Kb / 14P
LOW VOLTAGE PLL CLOCK DRIVER
MPC974 MOTOROLA-MPC974 Datasheet
143Kb / 9P
LOW VOLTAGE PLL CLOCK DRIVER
MPC992 MOTOROLA-MPC992 Datasheet
109Kb / 8P
LOW VOLTAGE PLL CLOCK DRIVER
MPC9350 MOTOROLA-MPC9350 Datasheet
282Kb / 12P
LOW VOLTAGE PLL CLOCK DRIVER
logo
Pericom Semiconductor C...
PI6C2972 PERICOM-PI6C2972 Datasheet
184Kb / 7P
Low Voltage PLL Clock Driver
logo
Motorola, Inc
MPC958 MOTOROLA-MPC958 Datasheet
253Kb / 8P
LOW VOLTAGE PLL CLOCK DRIVER
logo
Integrated Device Techn...
IDT5V9351 IDT-IDT5V9351 Datasheet
85Kb / 10P
LOW VOLTAGE PLL CLOCK DRIVER
logo
Agere Systems
LCK4310 AGERE-LCK4310 Datasheet
126Kb / 10P
Low-Voltage PLL Clock Driver
April 20, 2004
logo
Pericom Semiconductor C...
PI6C2952 PERICOM-PI6C2952 Datasheet
72Kb / 6P
Low Voltage PLL Clock Driver
logo
Renesas Technology Corp
MPC9350 RENESAS-MPC9350 Datasheet
478Kb / 13P
Low Voltage PLL Clock Driver
2019
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com