Electronic Components Datasheet Search
  English  ▼

X  

L2N60P Datasheet(PDF) 2 Page - Leshan Radio Company

Part # L2N60P
Description  600V N-Channel MOSFET Low gane charge
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

L2N60P Datasheet(HTML) 2 Page - Leshan Radio Company

  L2N60P Datasheet HTML 1Page - Leshan Radio Company L2N60P Datasheet HTML 2Page - Leshan Radio Company L2N60P Datasheet HTML 3Page - Leshan Radio Company L2N60P Datasheet HTML 4Page - Leshan Radio Company L2N60P Datasheet HTML 5Page - Leshan Radio Company L2N60P Datasheet HTML 6Page - Leshan Radio Company L2N60P Datasheet HTML 7Page - Leshan Radio Company L2N60P Datasheet HTML 8Page - Leshan Radio Company L2N60P Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
LESHAN RADIO COMPANY, LTD.
7
L2N60
Absolute Maximum Ratings 7
&
ƒ& XQOHVVRWKHUZLVH QRWHG
'UDLQ FXUUHQWOLPLWHGE\PD[LPXPMXQFWLRQ WHPSHUDWXUH
9'66
,'
'UDLQ &XUUHQW  &RQWLQXRXV
,'0
'UDLQ &XUUHQW
 3XOVHG
1RWH
9*66
*DWH6RXUFH 9ROWDJH
($6
6LQJOH 3XOVHG$YDODQFKH(QHUJ\
1RWH

P-
,$5
$YDODQFKH &XUUHQW
1RWH

$
($5
5HSHWLWLYH $YDODQFKH (QHUJ\
1RWH

GYGW
3HDN'LRGH5HFRYHU\ GYGW
1RWH

9QV
7- 767*
2SHUDWLQJDQG 6WRUDJH 7HPSHUDWXUH5DQJH
WR 
ƒ&
7/
0D[LPXP OHDG WHPSHUDWXUH IRU VROGHULQJ SXUSRVHV
 IURP FDVHIRU VHFRQGV

ƒ&
Thermal Characteristics
/W
/W
mJ
TC =25
Total Power Dissipation
Derate above 25°C
PD
L2N60I
L2N60F
34
23
0.27
0.18
Thermal Resistance, Junction-to-Case
°C
Thermal Resistance, Junction-to-Ambient
°C
Units
L2N60I/D
L2N60F
Symbol
Parameter
5.56
120
3.7
112
W/
W
UNIT
6\PERO
3DUDPHWHU5DWLQJV
8QLWV
'UDLQ6RXUFH9ROWDJH

9

$

$

9
L2N60P
44
0.35
L2N60D
34
0.27
L2N60P
2.26
62.5
RθJC
RθJA
Rev .O 2/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com