Electronic Components Datasheet Search
  English  ▼

X  

L2N60P Datasheet(PDF) 6 Page - Leshan Radio Company

Part # L2N60P
Description  600V N-Channel MOSFET Low gane charge
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

L2N60P Datasheet(HTML) 6 Page - Leshan Radio Company

  L2N60P Datasheet HTML 1Page - Leshan Radio Company L2N60P Datasheet HTML 2Page - Leshan Radio Company L2N60P Datasheet HTML 3Page - Leshan Radio Company L2N60P Datasheet HTML 4Page - Leshan Radio Company L2N60P Datasheet HTML 5Page - Leshan Radio Company L2N60P Datasheet HTML 6Page - Leshan Radio Company L2N60P Datasheet HTML 7Page - Leshan Radio Company L2N60P Datasheet HTML 8Page - Leshan Radio Company L2N60P Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TYPICAL CHARACTERISTICS
10
0
10-1
10
-2
10
1
10
-1
10
0
Drain-Source Voltage, VDS (V)
V GS
Top:
15.0V
10 .0V
8 .0V
7 .0V
6 .5V
6 .0V
Bottorm :
5.5V
10
0
10
-1
2
Gate-Source Voltage, VGS (V)
Transfer Characteristics
46
8
10
-20
85
25
250
s Pulse Test
TC=25
On-Region Characteristics
VDS=50V
250
s Pulse Test
0
0
Drain Current, ID (A)
1
2
VGS=10V
VGS=20V
2
4
8
10
12
On-Resistance Variation vs. Drain Current and
Gate Voltage
6
34
56
TJ=25
10
0
10
-1
0.2
Source-Drain Voltage, VSD (V)
Body Diode Forward Voltage Variationvs.
Source Current and Temperature
1.6
25
0.4
0.6
0.8
1.0
1.2
1.4
125
VGS=0V
250
s Pulse Test
500
0
10
-1
Drain-Source Voltage, V
(V)
Capacitance vs. Drain-Source Voltage
400
100
10
0
10
1
Crss
Coss
Ciss=CGS+CGD
(CDS=shorted)
Coss=CDS+CGD
Crss=CGD
Ciss
VGS=0V
f = 1MHz
300
200
0
Total Gate Charge, Q (nC)
2
61
0
ID=2.4A
8
10
12
Gate Charge vs. Gate Charge Voltage
4
6
4
2
0
VDS=120V
VDS=300V
VDS=480V
8
LESHAN RADIO COMPANY, LTD.
L2N60
Rev .O 6/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com