Electronic Components Datasheet Search
  English  ▼

X  

L2N60P Datasheet(PDF) 7 Page - Leshan Radio Company

Part # L2N60P
Description  600V N-Channel MOSFET Low gane charge
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

L2N60P Datasheet(HTML) 7 Page - Leshan Radio Company

  L2N60P Datasheet HTML 1Page - Leshan Radio Company L2N60P Datasheet HTML 2Page - Leshan Radio Company L2N60P Datasheet HTML 3Page - Leshan Radio Company L2N60P Datasheet HTML 4Page - Leshan Radio Company L2N60P Datasheet HTML 5Page - Leshan Radio Company L2N60P Datasheet HTML 6Page - Leshan Radio Company L2N60P Datasheet HTML 7Page - Leshan Radio Company L2N60P Datasheet HTML 8Page - Leshan Radio Company L2N60P Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TYPICAL CHARACTERISTICS(Cont.)
-100
Junction Temperature, TJ ( )
-50
50
200
VGS=10V
ID=250 A
100
150
1.2
Breakdown Voltage vs. Temperature
0
1.1
1.0
0.9
0.8
-100
Junction Temperature, TJ ( )
-50
50
200
VGS=10V
ID=4.05A
100
150
3.0
On -Resistance vs. Temperature
0
2.0
1.0
0.5
0.0
1.5
2.5
10
1
10
0
10
-2
Drain-Source Voltage, VDS (V)
Max. Safe Operating Area
10
2
10
1
10
0
D
C
10
-1
100
s
1ms
10
3
Operation in This Area
is Limited by RDS(on)
10
s
10m
s
TC=25
TJ=125
Single Pulse
Case Temperature, TC ( )
75
100
150
Max. Drain Current vs. Case Temperature
0.0
125
50
25
0.5
1.0
1.5
2.0
Square Wave Pulse Duration, t1 (s)
Thermal Response
10
0
10
-5
10
0
10
-1
10
-4
10
-3
10
-2
10
-1
10
1
Single pulse
D=0.5
0.2
0.1
0.05
0.02
0.01
PDM
t1
t2
JC (t) = 2.78
/W Max.
Duty Factor, D=t1/t2
TJM -TC=PDM×
JC (t)
LESHAN RADIO COMPANY, LTD.
L2N60
Rev .O 7/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com