Electronic Components Datasheet Search
  English  ▼

X  

MAX6070 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6070
Description  Low-Noise, High-Precision Series Voltage References
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6070 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6070 Datasheet HTML 1Page - Maxim Integrated Products MAX6070 Datasheet HTML 2Page - Maxim Integrated Products MAX6070 Datasheet HTML 3Page - Maxim Integrated Products MAX6070 Datasheet HTML 4Page - Maxim Integrated Products MAX6070 Datasheet HTML 5Page - Maxim Integrated Products MAX6070 Datasheet HTML 6Page - Maxim Integrated Products MAX6070 Datasheet HTML 7Page - Maxim Integrated Products MAX6070 Datasheet HTML 8Page - Maxim Integrated Products MAX6070 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
MAX6070/MAX6071
Low-Noise, High-Precision Series
Voltage References
Typical Operating Circuits
19-6355; Rev 2; 3/13
For related parts and recommended products to use with this part,
refer to www.maximintegrated.com/MAX6070.related.
Ordering Information and Selector Guide appears at end of
data sheet.
General Description
The MAX6070/MAX6071 offer a very low noise and
low-drift voltage reference in a small 6-pin SOT23 pack-
age. These devices provide a 1/f noise voltage of only
4.8µVP-P at an output voltage of 2.5V, with a temperature
drift of 6ppm/NC (max). The devices operate with an input
voltage from 2.8V to 5.5V. The MAX6070/MAX6071 con-
sume 150FA of supply current and can sink and source
up to 10mA of load current. The MAX6070/MAX6071 pro-
vide an initial accuracy of 0.04%. The low-drift and low-
noise specifications enable enhanced system accuracy,
making these devices ideal for high precision industrial
applications. The MAX6070 offers a noise filter option for
wideband applications.
The MAX6070/MAX6071 provide output voltages of
1.25V, 1.8V, 2.048V, 2.5V, 3.0V, 3.3V, 4.096V, and 5.0V.
The devices are available in a 6-pin SOT23 package and
specified over the extended industrial temperature range
of -40NC to +125NC.
Applications
High-Accuracy Industrial and Process Control
Precision Instrumentation
High-Resolution ADCs and DACs
Precision Current Sources
Benefits and Features
S
High Q0.04% Initial Accuracy
S
Low 1.5ppm/°C (typ), 6ppm/°C (max) Temperature
Drift
S
Low 4.8µVP-P Noise (0.1Hz to 10Hz) at 2.5V
S
Low 150µA Supply Current
S
10mA Source/Sink Load Current
S
Noise Filter Option
S
Low 200mV Dropout Voltage
S
High 85dB Ripple Rejection
S
Small 6-Pin SOT23 Package
S
Voltage Output Options: 1.25V, 1.8V, 2.048V, 2.5V,
3.0V, 3.3V, 4.096V, and 5.0V
BANDGAP
VOLTAGE
REFERENCE
GND
0.1µF
0.1µF
0.1µF
IN
FILTER
EN
SHUTDOWN
CONTROL
VIN
RL
OUTF
OUTS
VOUT
BANDGAP
VOLTAGE
REFERENCE
GNDF
GNDS
0.1µF
0.1µF
IN
EN
SHUTDOWN
CONTROL
VIN
RL
OUTF
OUTS
VOUT
MAX6070
MAX6071
For pricing, delivery, and ordering information, please contact Maxim Direct
at 1-888-629-4642, or visit Maxim’s website at www.maximintegrated.com.


Similar Part No. - MAX6070

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6070 MAXIM-MAX6070 Datasheet
6Mb / 26P
Low-Noise, High-Precision Series Noise, High-Precision Series
19-6355; Rev 18; 12/20
MAX6070 MAXIM-MAX6070 Datasheet
6Mb / 26P
Low-Noise, High-Precision Series Voltage References
2020
MAX6070AAUT12+T MAXIM-MAX6070AAUT12+T Datasheet
6Mb / 26P
Low-Noise, High-Precision Series Noise, High-Precision Series
19-6355; Rev 18; 12/20
MAX6070AAUT12+T MAXIM-MAX6070AAUT12+T Datasheet
5Mb / 26P
Low-Noise, High-Precision Series Voltage References
19-6355; Rev 12; 3/19
MAX6070AAUT18+T MAXIM-MAX6070AAUT18+T Datasheet
6Mb / 26P
Low-Noise, High-Precision Series Noise, High-Precision Series
19-6355; Rev 18; 12/20
More results

Similar Description - MAX6070

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR290 AD-ADR290 Datasheet
199Kb / 15P
Low Noise Micropower Precision Voltage References
REV.B
logo
Intersil Corporation
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
Precision, Low Noise FGA??Voltage References
April 12, 2007
ISL21009 INTERSIL-ISL21009 Datasheet
326Kb / 13P
Precision, Low Noise FGA??Voltage References
February 14, 2007
ISL21009MEP INTERSIL-ISL21009MEP Datasheet
557Kb / 14P
High Voltage Input Precision, Low Noise FGA??Voltage References
December 15, 2008
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
Precision, Low Noise FGA Voltage References
September 30, 2009
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
Precision, Low Noise FGA Voltage References
May 4, 2009
ISL21007 INTERSIL-ISL21007_11 Datasheet
1Mb / 20P
Precision, Low Noise FGA??Voltage References
July 14, 2011
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
Precision, Low Noise FGA Voltage References
logo
Maxim Integrated Produc...
MAX6070 MAXIM-MAX6070_19 Datasheet
5Mb / 26P
Low-Noise, High-Precision Series Voltage References
19-6355; Rev 12; 3/19
MAX6070 MAXIM-MAX6070_V01 Datasheet
6Mb / 26P
Low-Noise, High-Precision Series Voltage References
2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com