Electronic Components Datasheet Search
  English  ▼

X  

MAX6070 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX6070
Description  Low-Noise, High-Precision Series Voltage References
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6070 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX6070 Datasheet HTML 9Page - Maxim Integrated Products MAX6070 Datasheet HTML 10Page - Maxim Integrated Products MAX6070 Datasheet HTML 11Page - Maxim Integrated Products MAX6070 Datasheet HTML 12Page - Maxim Integrated Products MAX6070 Datasheet HTML 13Page - Maxim Integrated Products MAX6070 Datasheet HTML 14Page - Maxim Integrated Products MAX6070 Datasheet HTML 15Page - Maxim Integrated Products MAX6070 Datasheet HTML 16Page - Maxim Integrated Products MAX6070 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
MAX6070/MAX6071
Low-Noise, High-Precision Series
Voltage References
13
Maxim Integrated
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
MAX6071_12 OUTPUT
VOLTAGE TEMPERATURE DRIFT
TEMPERATURE (°C)
100
75
50
25
0
-25
1.2497
1.2500
1.2502
1.2505
1.2495
-50
125
MAX6071_25 OUTPUT
VOLTAGE TEMPERATURE DRIFT
TEMPERATURE (°C)
100
75
50
25
0
-25
2.4995
2.5000
2.5005
2.5010
2.4990
-50
125
MAX6071_41 OUTPUT
VOLTAGE TEMPERATURE DRIFT
TEMPERATURE (°C)
100
75
50
25
0
-25
4.0945
-50
125
4.0950
4.0955
4.0960
4.0965
4.0970
4.0975
MAX6070_12 OUTPUT
VOLTAGE LONG-TERM DRIFT
DURATION (HOURS)
1500
1000
500
15
40
65
90
-10
0
2000
FOUR TYPICAL UNITS
MAX6070_25 OUTPUT
VOLTAGE LONG-TERM DRIFT
DURATION (HOURS)
1500
1000
500
15
40
65
90
-10
0
2000
FOUR TYPICAL UNITS
MAX6070_41 OUTPUT
VOLTAGE LONG-TERM DRIFT
DURATION (HOURS)
1500
1000
500
15
40
65
90
-10
0
2000
FOUR TYPICAL UNITS
MAX6071_25
LINE REGULATION
INPUT VOLTAGE (V)
4.8
4.1
3.4
2.4995
2.5000
2.5005
2.5010
2.4990
2.7
5.5
MAX6071_25
LOAD REGULATION
OUTPUT CURRENT (mA)
5
0
-5
2.4990
2.4995
2.5000
2.5005
2.5010
2.5015
2.5020
2.4985
-10
10
TA = +85°C
TA = +125°C
TA = 0°C
TA = -40°C
MAX6071_12
PSRR vs. FREQUENCY
FREQUENCY (Hz)
10k
1k
100
20
40
60
80
100
120
0
10
100k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com