Electronic Components Datasheet Search
  English  ▼

X  

MAX6070 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX6070
Description  Low-Noise, High-Precision Series Voltage References
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6070 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX6070 Datasheet HTML 2Page - Maxim Integrated Products MAX6070 Datasheet HTML 3Page - Maxim Integrated Products MAX6070 Datasheet HTML 4Page - Maxim Integrated Products MAX6070 Datasheet HTML 5Page - Maxim Integrated Products MAX6070 Datasheet HTML 6Page - Maxim Integrated Products MAX6070 Datasheet HTML 7Page - Maxim Integrated Products MAX6070 Datasheet HTML 8Page - Maxim Integrated Products MAX6070 Datasheet HTML 9Page - Maxim Integrated Products MAX6070 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
MAX6070/MAX6071
Low-Noise, High-Precision Series
Voltage References
6
Maxim Integrated
ELECTRICAL CHARACTERISTICS—MAX607__AUT25 (VOUT = 2.500V)
(VIN = +5.0V, IOUT = 0mA, COUT = 0.1FF, TA = -40NC to +125NC, unless otherwise noted. Typical values are at TA = +25NC.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
OUTPUT
Output Voltage Accuracy
MAX6070A/MAX6071A, TA = +25°C
-0.04
+0.04
%
MAX6070B/MAX6071B, TA = +25°C
-0.08
+0.08
Output Voltage Temperature Drift
(Note 3)
TCVOUT
MAX6070A/MAX6071A
1.5
6
ppm/
°C
MAX6070B/MAX6071B
2.0
8
Line Regulation
Over specified
VIN range
TA = +25°C
60
145
µV/V
TA = TMIN to TMAX
175
Load Regulation
0mA < IOUT < 10mA, sink
80
140
µV/mA
0mA < IOUT < 10mA, source
75
125
Dropout Voltage
IOUT = 10mA, TA = TMIN to TMAX
(Note 4)
110
230
mV
Output Current
IOUT
-10
+10
mA
Short-Circuit Current
ISC
Sourcing to ground
25
mA
Sinking from VIN
25
Long-Term Stability
1000 hours at TA = +25°C
40
ppm
Thermal Hysteresis
(Note 5)
85
ppm
DYNAMIC CHARACTERISTICS
Noise Voltage
eOUT
1/f noise, 0.1Hz to 10Hz, COUT = 0.1µF
4.8
µVP-P
MAX6071 thermal noise, 10Hz to 10kHz,
COUT = 0.1µF
6
µVRMS
MAX6070 thermal noise, 10Hz to 10kHz,
COUT = 0.1µF, CFILTER = 0.1µF
3
Noise Spectral Density
MAX6071 thermal noise, f = 1kHz,
COUT = 0.1µF
60
nV/
√Hz
MAX6070 thermal noise, f = 1kHz,
COUT = 0.1µF, CFILTER = 0.1µF
30
Ripple Rejection
Frequency = 60Hz
84
dB
Turn-On Settling Time
tR
Settling to 0.01%,
COUT = 0.1µF
MAX6070,
CFILTER = 0.1µF
10
ms
MAX6071
30
µs
Enable Settling Time
tEN
Settling to 0.01%,
COUT = 0.1µF
MAX6070,
CFILTER = 0.1µF
10
ms
MAX6071
75
µs
Capacitive-Load Stability Range
IOUT
≤ 10mA
0.1
10
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com