Electronic Components Datasheet Search
  English  ▼

X  

LR2257 Datasheet(PDF) 4 Page - Leshan Radio Company

Part # LR2257
Description  AC/DC Current Mode PWM power management controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR2257 Datasheet(HTML) 4 Page - Leshan Radio Company

  LR2257 Datasheet HTML 1Page - Leshan Radio Company LR2257 Datasheet HTML 2Page - Leshan Radio Company LR2257 Datasheet HTML 3Page - Leshan Radio Company LR2257 Datasheet HTML 4Page - Leshan Radio Company LR2257 Datasheet HTML 5Page - Leshan Radio Company LR2257 Datasheet HTML 6Page - Leshan Radio Company LR2257 Datasheet HTML 7Page - Leshan Radio Company LR2257 Datasheet HTML 8Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Electrical Characteristics(
Test condition:TA=25C,VFB=4V )
Parameter
Symbol
Test condition
Min
Typ
Max
Unit
Power Supply
VDD
8.5
12
V
FB Start Voltage
Vs
5
V
FB Under-voltage
Threshold
Vu
3.25
3.5
3.65
FB Clamp Voltage
Vo
10mA
5.2
5.5
5.8
V
FB input current
IFB
-
-
0.7
1
mA
Switching Frequency
Fs
-
-
70
-
KHz
Maximum Duty Cycle
DMAX
VFB =4V, ISW=10mA
70
75
80
%
Minimum Duty Cycle
DMIN
VFB=4.6V, ISW=100mA
3.5
5.5
%
Current Limit
ILIM
VFB=VUV+0.1V
-
400
-
mA
FB to SW Current
Gain
GFB
-
-0.29
-
A/V
FB Dynamic
Impedance
RFB/VFB
-
9
-
K
Ω
SW Break Down
Voltage
Vsw
>400
V
Stand By Power
PS
<0.3
W
System Efficiency (Full
Load)
η
74
%
4/8
LESHAN RADIO COMPANY, LTD.
LR2257



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com