Electronic Components Datasheet Search
  English  ▼

X  

LR2257 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LR2257
Description  AC/DC Current Mode PWM power management controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR2257 Datasheet(HTML) 1 Page - Leshan Radio Company

  LR2257 Datasheet HTML 1Page - Leshan Radio Company LR2257 Datasheet HTML 2Page - Leshan Radio Company LR2257 Datasheet HTML 3Page - Leshan Radio Company LR2257 Datasheet HTML 4Page - Leshan Radio Company LR2257 Datasheet HTML 5Page - Leshan Radio Company LR2257 Datasheet HTML 6Page - Leshan Radio Company LR2257 Datasheet HTML 7Page - Leshan Radio Company LR2257 Datasheet HTML 8Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
AC/DC Current Mode PWM
power management controller
Absolute Maxim Ratings
Item
Symbol
Typical
Unit
Power Supply
VDD
9~12
V
FB Start Voltage
Vs
5
V
FB Under-voltage Threshold
Vu
3.5
V
FB Clamp Voltage
Vo
5.5
V
FB input current
IFB
<1
mA
Switching Frequency
Fs
65
KHz
Maximum Duty Cycle
DMAX
75
%
FB-SW Current Gain
GF
0.3
A/V
Current Limit
ILIM
400
mA
SW Break Down Voltage
Vsw
>400
V
Stand By Current
PS
<0.3W
W
System Efficiency (Full Load)
η
>70
%
65kHz Switching Frequency
Emitter Drive of Internal Power Transistor
Over-Current
Protection,
Over
and
Under-voltage Protection
Current Mode PWM
Low Power for Green Environments
Protection, as lower as 0.3W
Lowest Total Cost Solution
Etc.
Offline Power Generator
Power Adapter
The LR2257 AC—DC is a high
efficiency current-mode PWM power
supply controller that drives an internal
NPN transistor for high voltage switching.
Apply with BiCMOS technology, the
device consist of Bandgap reference
voltage, Oscillator, High voltage switching
transistor and build in safety features of
over current and over voltage protection
mechanisms
Delivering up to 3W yet consumes, the
typical application of the device will
include:
Battery Charger, such as handset phone
LR2257
1/8
LESHAN RADIO COMPANY, LTD.


Similar Part No. - LR2257

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LR220Z SEOUL-LR220Z Datasheet
390Kb / 12P
GREEN OVAL LAMP LED
LR221 SEOUL-LR221 Datasheet
376Kb / 14P
INFRARED LAMP LED
LR221 SEOUL-LR221 Datasheet
360Kb / 13P
CYAN LAMP LED
LR221 SEOUL-LR221 Datasheet
392Kb / 14P
RED OVAL LAMP LED
LR221 SEOUL-LR221 Datasheet
392Kb / 14P
RED OVAL LAMP LED
More results

Similar Description - LR2257

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5021 NSC-LM5021 Datasheet
746Kb / 15P
AC-DC Current Mode PWM Controller
logo
Texas Instruments
LM5023 TI-LM5023 Datasheet
2Mb / 30P
AC-DC Quasi-Resonant Current Mode PWM Controller
LM5021MMX-2 TI1-LM5021MMX-2 Datasheet
1Mb / 23P
LM5021 AC-DC Current Mode PWM Controller
LM5021MM-1 TI-LM5021MM-1 Datasheet
1Mb / 23P
LM5021 AC-DC Current Mode PWM Controller
LM5021MM-2 TI-LM5021MM-2 Datasheet
1Mb / 23P
LM5021 AC-DC Current Mode PWM Controller
LM5021MM-1 TI1-LM5021MM-1 Datasheet
1Mb / 23P
LM5021 AC-DC Current Mode PWM Controller
LM5021 TI1-LM5021_14 Datasheet
1Mb / 24P
LM5021 AC-DC Current Mode PWM Controller
LM5021-Q1 TI-LM5021-Q1_15 Datasheet
4Mb / 34P
LM5021-Q1 AC-DC Current-Mode PWM Controller
LM5023 TI-LM5023_15 Datasheet
2Mb / 33P
AC-DC Quasi-Resonant Current Mode PWM Controller
LM5023 TI1-LM5023_16 Datasheet
1Mb / 38P
AC-DC Quasi-Resonant Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com