Electronic Components Datasheet Search
  English  ▼

X  

LR2257 Datasheet(PDF) 5 Page - Leshan Radio Company

Part # LR2257
Description  AC/DC Current Mode PWM power management controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR2257 Datasheet(HTML) 5 Page - Leshan Radio Company

  LR2257 Datasheet HTML 1Page - Leshan Radio Company LR2257 Datasheet HTML 2Page - Leshan Radio Company LR2257 Datasheet HTML 3Page - Leshan Radio Company LR2257 Datasheet HTML 4Page - Leshan Radio Company LR2257 Datasheet HTML 5Page - Leshan Radio Company LR2257 Datasheet HTML 6Page - Leshan Radio Company LR2257 Datasheet HTML 7Page - Leshan Radio Company LR2257 Datasheet HTML 8Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Application
C13
R7
1
T=8
330uF/10V
2
TL431
D10
1K
R18
C4
4
10nF
C6
5.6k
R14
3
C5
200K
R16
R5
100k
4700pF/1KV
220
10uF/50V
1M
R3
4.7uF/400V
C2
5.1k
R13
T=24
C3
10uF/50V
R10 390
C5
680uF/10V
4.7uF/400V
C1
100
R5A
Q1
T=114
LR2257
5/8
LESHAN RADIO COMPANY, LTD.
LR2257



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com