Electronic Components Datasheet Search
  English  ▼

X  

LR6301 Datasheet(PDF) 8 Page - Leshan Radio Company

Part # LR6301
Description  High-precision Low Voltage Detector Battery Checker
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR6301 Datasheet(HTML) 8 Page - Leshan Radio Company

Back Button LR6301 Datasheet HTML 4Page - Leshan Radio Company LR6301 Datasheet HTML 5Page - Leshan Radio Company LR6301 Datasheet HTML 6Page - Leshan Radio Company LR6301 Datasheet HTML 7Page - Leshan Radio Company LR6301 Datasheet HTML 8Page - Leshan Radio Company LR6301 Datasheet HTML 9Page - Leshan Radio Company LR6301 Datasheet HTML 10Page - Leshan Radio Company LR6301 Datasheet HTML 11Page - Leshan Radio Company LR6301 Datasheet HTML 12Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Leshan Radio Co ., Ltd
8/22
OPERATING DESCRIPTION FOR DELAY CD
The LR6301 with SOT23-5 series devices consist of
precision voltage detector that drives a time delay generator.
Figures 37 and 38 show a timing diagram and a typical
application. Initially consider that input voltage Vin is at a
nominal level and it is greater than the voltage detector upper
threshold (VDET+). The voltage at Pin 5 and capacitor CD
will be at the same level as Vin, and the reset output (Pin 1)
will be in the high state for active low devices, or in the low
state for active high devices. If there is a power interruption
and Vin becomes significantly deficient, it will fall below the
lower detector threshold (VDET−) and the external time
delay capacitor CD will be immediately discharged by an
internal N−Channel MOSFET that connects to Pin 5. This
sequence of events causes the Reset output to be in the low
state for active low devices, or in the high state for active
high devices. After completion of the power interruption,
Vin will again return to its nominal level and become greater
than the VDET+. The voltage detector will turn off the
N−Channel MOSFET and allow pullup resistor RD to charge
external capacitor CD, thus creating a programmable delay
for releasing the reset signal. When the voltage at Pin 5
exceeds the inverter/buffer threshold, typically 0.675 Vin,
the reset output will revert back to its original state. The
voltage detector and inverter/buffer have built-in hysteresis
to prevent erratic reset operation.
Although these device series are specifically designed for
use as reset controllers in portable microprocessor based
systems, they offer a cost−effective solution in numerous
applications where precise voltage monitoring and time
delay are required.
Timing Waveforms
tD2
Vin
VDET+
VDET−
Input Voltage, Pin 2
Capacitor, Pin 5
Vin
0 V
Reset Output (Active Low), Pin 1
Vin
Reset Output (Active High), Pin 1
Vin
0 V
0.675 Vin
VDET−
VDET−
Ver 1.5 Nov 2009



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com