Electronic Components Datasheet Search
  English  ▼

X  

LR6301 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LR6301
Description  High-precision Low Voltage Detector Battery Checker
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR6301 Datasheet(HTML) 1 Page - Leshan Radio Company

  LR6301 Datasheet HTML 1Page - Leshan Radio Company LR6301 Datasheet HTML 2Page - Leshan Radio Company LR6301 Datasheet HTML 3Page - Leshan Radio Company LR6301 Datasheet HTML 4Page - Leshan Radio Company LR6301 Datasheet HTML 5Page - Leshan Radio Company LR6301 Datasheet HTML 6Page - Leshan Radio Company LR6301 Datasheet HTML 7Page - Leshan Radio Company LR6301 Datasheet HTML 8Page - Leshan Radio Company LR6301 Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
6HOHFWLRQ *XLGH
/5 LV D VHULHV RI KLJK SUHFLVLRQ YROWDJH
GHWHFWRU ZLWK XOWUD ORZ FXUUHQW FRQVXPSWLRQ
Q$ W\S DW 9GG 9  ,W FDQ ZRUN DW YHU\
ORZ YROWDJH ZKLFK PDNHV LW SHUIHFW IRU V\VWHP
UHVHW
/5 LV FRPSRVHG RI KLJK SUHFLVLRQ
YROWDJH UHIHUHQFH FRPSDUDWRU RXWSXW GULYHU DQG
UHVLVWRU DUUD\ ,QWHUQDOO\ SUHVHW GHWHFW YROWDJH
KDV D ORZ WHPSHUDWXUH GULIW DQG UHTXLUHV QR
H[WHUQDO WULPPLQJ
7ZR W\SH RI RXWSXW &026 DQG 1FKDQQHO
RSHQGUDLQ DUH DYDLODEOH
/5 LV DYDLODEOH LQ 627627
72 627 SDFNDJHV ZKLFK LV 3E IUHH
)HDWXUHV
+LJKSUHFLVLRQ GHWHFWLRQ 9ROWDJH

'HWHFWLRQ 9ROWDJH 9a9 LQ 9 VWHSV
3UHFLVH K\VWHUHVLV  W\S
2SHUDWLQJ 9ROWDJH UDQJH 9a9
8OWUDORZ FXUUHQW FRQVXPSWLRQ Q$ W\S DW
9'' 9
7ZR 2XWSXW IRUPV &026 DQG 1FKDQQHO
RSHQGUDLQ
$SSOLFDWLRQ
3RZHU PRQLWRU IRU SRUWDEOH HTXLSPHQW VXFK DV
3'$'6&0RELOH SKRQH1RWHERRN03
&38 DQG /RJLF &LUFXLW 5HVHW
%DWWHU\&KHFNHU
%DWWHU\%DFNXS &LUFXLW
3RZHU )DLOXUH 'HWHFWRU
3LQ $VVLJQPHQW
3DFNDJH 7\SH
50 627
51 627
60 627
7
72
'HIDXOW 3E )UHH
2XWSXW 7\SH
1 1FK 2SHQGUDLQ
& &026
'HWHFWRU 9ROWDJH

9

9

9

9
LR6301
/5;;;;;
Leshan Radio Co ., Ltd
1/22
Externally Programmable Time Delay Generator
We declare that the material of product
compliance with RoH S requirements.
W
H
Ver 1.5 Nov 2009
High-precision Low Voltage Detector


Similar Part No. - LR6301

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR6300 LRC-LR6300 Datasheet
656Kb / 8P
Ultralow-Noise, High PSRR, Fast RF Low-Dropout CMOS Voltage Regulator
LR6302 LRC-LR6302 Datasheet
755Kb / 11P
18V Low Current Consumption 300mA CMOS Voltage Regulator
logo
Seoul Semiconductor
LR630Z SEOUL-LR630Z Datasheet
390Kb / 12P
GREEN OVAL LAMP LED
More results

Similar Description - LR6301

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-807 SII-S-807 Datasheet
336Kb / 42P
HIGH-PRECISION VOLTAGE DETECTOR
S-808 SII-S-808 Datasheet
1Mb / 20P
LOW-VOLTAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
List of Unclassifed Man...
BL8506 ETC1-BL8506 Datasheet
271Kb / 16P
High-precision Low Voltage Detector
logo
Lowpower Semiconductor ...
LP3808 POWER-LP3808 Datasheet
266Kb / 5P
High-precision Low Voltage Detector
logo
ACE Technology Co., LTD...
ACE301 ACE-ACE301 Datasheet
399Kb / 19P
High-precision Low Voltage Detector
VER 1.3
ACE301 ACE-ACE301_1 Datasheet
399Kb / 19P
High-precision Low Voltage Detector
VER 1.4
logo
SHANGHAI BELLING CO., L...
BL8504 BELLING-BL8504 Datasheet
383Kb / 10P
High-Precision Low Voltage Detector
logo
ACE Technology Co., LTD...
ACE301 ACE-ACE301_12 Datasheet
900Kb / 19P
High-precision Low Voltage Detector
VER 1.6
logo
SHANGHAI BELLING CO., L...
BL8506D BELLING-BL8506D Datasheet
211Kb / 12P
High-precision Low Voltage Detector
logo
ACE Technology Co., LTD...
ACE303 ACE-ACE303 Datasheet
1Mb / 12P
High-precision Low Voltage Detector
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com