Electronic Components Datasheet Search
  English  ▼

X  

LR6301 Datasheet(PDF) 11 Page - Leshan Radio Company

Part # LR6301
Description  High-precision Low Voltage Detector Battery Checker
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR6301 Datasheet(HTML) 11 Page - Leshan Radio Company

Back Button LR6301 Datasheet HTML 7Page - Leshan Radio Company LR6301 Datasheet HTML 8Page - Leshan Radio Company LR6301 Datasheet HTML 9Page - Leshan Radio Company LR6301 Datasheet HTML 10Page - Leshan Radio Company LR6301 Datasheet HTML 11Page - Leshan Radio Company LR6301 Datasheet HTML 12Page - Leshan Radio Company LR6301 Datasheet HTML 13Page - Leshan Radio Company LR6301 Datasheet HTML 14Page - Leshan Radio Company LR6301 Datasheet HTML 15Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Microcontroller Systems Load Sensing
NCP301
LSN27T1
50 k
NCP301
LSN27T1
LR6301
Vsupply
Load
Rsense
Input
2
3
GND
1
Reset Output
Microcontroller
GND
VDD
If:
ILoad t VDET − /Rsense
ILoad w (VDET −+VHYS)/Rsense
Then:
Reset Output = 0 V
Reset Output = VDD
This circuit monitors the current at the load. As
current flows through the load, a voltage drop with
respect to ground appears across Rsense where
Vsense = Iload * Rsense. The following conditions apply:
5
CD
LED Bar Graph Voltage Monitor
NCP301
LSN27T1
2
NCP301
LSN27T1
LR6301
3
1
Vsupply
NCP301
LSN27T1
2
NCP301
LR6301
3
1
NCP301
LSN27T1
2
NCP301
LSN27T1
LR6301
3
1
Input
GND
Reset
Output
Input
GND
Reset
Output
Input
GND
Reset
Output
Vin = 1.0 V to 10 V
A simple voltage monitor can be constructed by connecting several voltage detectors as shown above. Each LED will
sequentially turn on when the respective voltage detector threshold (VDET− +VHYS) is exceeded. Note that detector
thresholds (VDET−) that range from 0.9 V to 4.9 V in 100 mV steps can be manufactured.
5
CD
5
CD
5
CD
Leshan Radio Co ., Ltd
11/22
Ver 1.5 Nov 2009



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com