Electronic Components Datasheet Search
  English  ▼

X  

LR9908 Datasheet(PDF) 3 Page - Leshan Radio Company

Part # LR9908
Description  TINY PACKAGE HIGH EFFICIENCY STEP-UP DC/DC CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR9908 Datasheet(HTML) 3 Page - Leshan Radio Company

  LR9908 Datasheet HTML 1Page - Leshan Radio Company LR9908 Datasheet HTML 2Page - Leshan Radio Company LR9908 Datasheet HTML 3Page - Leshan Radio Company LR9908 Datasheet HTML 4Page - Leshan Radio Company LR9908 Datasheet HTML 5Page - Leshan Radio Company LR9908 Datasheet HTML 6Page - Leshan Radio Company LR9908 Datasheet HTML 7Page - Leshan Radio Company LR9908 Datasheet HTML 8Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Absolute Maximum Ratings
(Unless otherwise specified, Ta=25℃)
Parameter
Symbol
Ratings
Unit
VOUT pin voltage
VOUT
VSS-0.3 ~ VSS+8
V
EN pin voltage
EN
VSS-0.3 ~ VSS+8
V
Power
dissipation
SOT-23-5
PD
250
mW
SOT-89-5
500
mW
Operating temperature
Topr
-
40 ~+85
℃
Storage temperature
Tstg
-
40 ~+125
℃
Electrical Characteristics
(Unless otherwise specified, Ta =25℃)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Feedback Voltage
VFB
-
VFB(s)
×
0.98
VFB
VFB(s)
×
1.02
V
Input voltage
VIN
-
-
-
8
V
Oscillation start
voltage
VST
No external parts, voltage applied to
VOUT LX pulled up to VOUT via 300Ω
resistor
0.8
V
Current consumption 1
ISS1
VCC=5V, Continuously Switching
-
30
40
µA
Current consumption 2
ISS2
VCC=5V, FB=2.5V, No Switching
-
5
10
µA
Shut Down Current
ISSS
VCC=5V,VEN=0 V
-
-
0.5
µA
Line regulation
∆VOUT1
VIN= 0.4×VOUT~0.6×VOUT
(
VOUT=5V)
-
20
50
mV
Load regulation
∆VOUT2
IOUT= 10 µA ~ 50mA(VOUT=5V)
-
20
50
mV
Oscillation frequency
fOSC
100
kHz
Duty ratio 1
Duty1
VOUT= 0.95×VOUT, measure
waveform at LX pin
70
78
85
%
Duty ratio 2
Duty2
Measure waveform at LX pin
with light load
-
66
-
%
Efficiency
EFFI
85
%
Shutdown pin input
voltage
VSH
VOUT=0.95×VOUT, judge
oscillation at EXT pin
0.75
-
-
V
VSL1
VOUT= 0.95×VOUT, judge stop
at EXT pin
-
-
0.3
V
Shutdown pin input
current
ISH
VEN=8V
-
-
0.1
µA
ISL
VEN=0V
-
-
0.1
µA
Remark:1、VIN =VOUT(S)×0.6 applied, IOUT=VOUT(S) / 250 Ω
2、Shutdown function built-in type: EN pin is connected to VOUT
3、VOUT(S) specified above is the set output voltage value, and VOUT is the typical value of the actual
output voltage.
LESHAN RADIO COMPANY, LTD.
3/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com