Electronic Components Datasheet Search
  English  ▼

X  

LR9908 Datasheet(PDF) 4 Page - Leshan Radio Company

Part # LR9908
Description  TINY PACKAGE HIGH EFFICIENCY STEP-UP DC/DC CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR9908 Datasheet(HTML) 4 Page - Leshan Radio Company

  LR9908 Datasheet HTML 1Page - Leshan Radio Company LR9908 Datasheet HTML 2Page - Leshan Radio Company LR9908 Datasheet HTML 3Page - Leshan Radio Company LR9908 Datasheet HTML 4Page - Leshan Radio Company LR9908 Datasheet HTML 5Page - Leshan Radio Company LR9908 Datasheet HTML 6Page - Leshan Radio Company LR9908 Datasheet HTML 7Page - Leshan Radio Company LR9908 Datasheet HTML 8Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
■
Standard Circuits
Component: Inductor:22uH(Sumida)
Diode:IN5817、IN5819
Capacitor:47uF (Tantalum type)
MOS:CE2312、XP151、XP161
RFB:Set up so that RFB1/RFB2=(VOUT-VFB)/VFB (VOUT=set-up output voltage),
Please use with RFB1 +RFB2≤2M Ω
CFB:Set up that Fzfb=1/(2×π×CFB×RFB1) is within the Adjustments necessary
in respect of L,CL.
1、 CLE9908 Circuits 1:(VIN≥3V)
2、 CE9908 Circuits 2:(VIN≤3V)
LR9908
LR9908
LESHAN RADIO COMPANY, LTD.
4/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com