Electronic Components Datasheet Search
  English  ▼

X  

LR9908 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LR9908
Description  TINY PACKAGE HIGH EFFICIENCY STEP-UP DC/DC CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR9908 Datasheet(HTML) 1 Page - Leshan Radio Company

  LR9908 Datasheet HTML 1Page - Leshan Radio Company LR9908 Datasheet HTML 2Page - Leshan Radio Company LR9908 Datasheet HTML 3Page - Leshan Radio Company LR9908 Datasheet HTML 4Page - Leshan Radio Company LR9908 Datasheet HTML 5Page - Leshan Radio Company LR9908 Datasheet HTML 6Page - Leshan Radio Company LR9908 Datasheet HTML 7Page - Leshan Radio Company LR9908 Datasheet HTML 8Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TINY PACKAGE HIGH EFFICIENCY
STEP-UP DC/DC CONVERTER
Introduction
The LR9908 is a CMOS step-up
switching DC/DC converter that mainly
consists of a reference voltage source, an
oscillator, and a comparator. The LR9908
allows the duty ratio to be automatically
switched according to the load (light load:
66%, high output current: 78%), enabling
products with a low ripple over a wide
range, high efficiency, and high output
current. With the LR9908, a step-up
switching
DC/DC
converter
can
be
configured by using an external coil,
capacitor, diode and NMOS. This feature,
along with the mini package and low
current consumption, makes the LR9908
ideal for applications such as the power
supply unit of portable equipment.
Applications
• PDA
• DSC
• LCD Panel
• RF-Tags
• MP3
• Portable Instrument
• Wireless Equipment
Features
• Low voltage operation: Oscillation start
voltage at 0.8V
• Duty ratio: 66/78%, built-in auto switching
• External parts: Coil, capacitor, diode,
NMOS
• High efficiency:±85%(typ.)
• Output voltage Adjustable
• Providing Flexibility for Using External
Power Switches
• Zero Shutdown Mode Supply Current
• 6µA Quiescent (Switch-off) Supply Current
• Small SOT23-5,SOT89-5 Package
Ordering Information
LR9908
LR9908
LESHAN RADIO COMPANY, LTD.
1/8


Similar Part No. - LR9908

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR9026 LRC-LR9026 Datasheet
463Kb / 9P
16-channel constant current LED driver
logo
Unisonic Technologies
LR9101 UTC-LR9101 Datasheet
191Kb / 4P
LOW NOISE 300mA LDO REGULATOR
LR9101 UTC-LR9101 Datasheet
216Kb / 5P
LOW NOISE 300mA LDO REGULATOR
LR9101G-10-AE2-R UTC-LR9101G-10-AE2-R Datasheet
216Kb / 5P
LOW NOISE 300mA LDO REGULATOR
LR9101G-10-AE3-R UTC-LR9101G-10-AE3-R Datasheet
216Kb / 5P
LOW NOISE 300mA LDO REGULATOR
More results

Similar Description - LR9908

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1628 SEMTECH-SC1628 Datasheet
121Kb / 4P
HIGH-EFFICIENCY STEP-UP DC-DC CONVERTER
logo
Analog Intergrations Co...
AIC1620 AIC-AIC1620 Datasheet
456Kb / 12P
High Efficiency Synchronous Step-Up DC/DC Converter
logo
Minilogic Device Corpor...
ML0308 MINILOGIC-ML0308_1 Datasheet
357Kb / 9P
Tiny Package, High Efficiency, White LED Driver and Step-up DC/DC Converter
logo
Richtek Technology Corp...
RT9266 RICHTEK-RT9266 Datasheet
266Kb / 14P
Tiny Package, High Efficiency, Step-up DC/DC Converter
RT9266B RICHTEK-RT9266B Datasheet
316Kb / 13P
Tiny Package, High Efficiency, Step-Up DC/DC Converter
RT9275 RICHTEK-RT9275 Datasheet
305Kb / 14P
Tiny Package, High Efficiency, Step-Up DC/DC Converter
logo
Power IC Ltd.
PS1541 PICSEMI-PS1541 Datasheet
246Kb / 10P
High Efficiency Step Up DC/DC Converter
logo
ams AG
AS3677 AMSCO-AS3677_17 Datasheet
1Mb / 106P
High-efficiency step up DC/DC converter
logo
Fitipower Integrated Te...
FP6733 FITIPOWER-FP6733 Datasheet
704Kb / 11P
PWM Controlled, Step-up DC/DC Converter in Tiny Package
logo
Guangdong Kexin Industr...
RCR2521SL KEXIN-RCR2521SL Datasheet
629Kb / 6P
High Efficiency, Step-up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com